Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9681 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9681
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9681 Datasheet HTML 9Page - Analog Devices AD9681 Datasheet HTML 10Page - Analog Devices AD9681 Datasheet HTML 11Page - Analog Devices AD9681 Datasheet HTML 12Page - Analog Devices AD9681 Datasheet HTML 13Page - Analog Devices AD9681 Datasheet HTML 14Page - Analog Devices AD9681 Datasheet HTML 15Page - Analog Devices AD9681 Datasheet HTML 16Page - Analog Devices AD9681 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
AD9681
Rev. A | Page 13 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN–D1
VIN+D1
NC
VIN–C2
NC
VIN–C1
NC
NC
VIN–B2
NC
VIN+B1
VIN–B1
NC
NC
NC
VIN+C2
NC
VIN+C1
NC
NC
VIN+B2
NC
NC
NC
VIN–D2
VIN+D2
SYNC
VCM1
VCM2
VREF
SENSE
RBIAS1
RBIAS2
GND
VIN+A2
VIN–A2
GND
GND
GND
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
GND
NC
NC
CLK–
CLK+
GND
AVDD
GND
GND
GND
GND
AVDD
CSB1
VIN+A1
VIN–A1
GND
GND
GND
AVDD
GND
GND
GND
GND
AVDD
CSB2
SDIO/OLM SCLK/DTP
D1–D2
D1+D2
GND
AVDD
GND
GND
GND
GND
AVDD
PDWN
D0+A1
D0–A1
D0–D2
D0+D2
GND
AVDD
GND
GND
GND
GND
AVDD
GND
D1+A1
D1–A1
D1–D1
D1+D1
GND
AVDD
AVDD
AVDD
AVDD
AVDD
AVDD
GND
D0+A2
D0–A2
D0–D1
D0+D1
DRVDD
DRVDD
GND
GND
GND
GND
DRVDD
DRVDD
D1+A2
D1–A2
D1–C2
D1+C2
D1+C1
D0+C1
FCO+1
DCO+1
DCO+2
FCO+2
D1+B2
D0+B2
D0+B1
D0–B1
D0–C2
D0+C2
D1–C1
D0–C1
FCO–1
DCO–1
DCO–2
FCO–2
D1–B2
D0–B2
D1+B1
D1–B1
A
B
C
D
E
F
G
H
J
K
L
M
12
34
56
78
9
10
11
12
AD9681
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. THESE PINS ARE NOT ELECTRICALLY CONNECTED TO THE DEVICE. HOWEVER, CONNECT THESE PINS TO BOARD
GROUND WHERE POSSIBLE.
Figure 10. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
A3, A5, A7, A8, A10,
B1 to B3, B5, B7, B8,
B10 to B12, D11, D12
NC
No Connect. These pins are not electrically connected to the device. However, connect these
pins to board ground where possible.
C10, D1 to D3, D10,
E3, E5 to E8, F1 to F3,
F5 to F8, G3, G5 to G8,
H3, H5 to H8, H10, J3,
J10, K5 to K8
GND
Ground.
D4 to D9, E4, E9, F4,
F9, G4, G9, H4, H9,
J4 to J9
AVDD
1.8 V Analog Supply.
K3, K4, K9, K10
DRVDD
1.8 V Digital Output Driver Supply.
E1, E2
CLK−, CLK+
Input Clock Complement, Input Clock True.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com