Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1020-13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP1020-13
Description  Switch-Mode LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LP1020-13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP1020-13 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP1020-13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz095G
20W, 24VDC
LP1020
This configuration is based on LED with the following parameters:
V : 3.0V ~ 3.5V
I : 300mA ~ 350mA
A. I : 300mA ~ 350mA
Recommended value for R is 20 ohm, 3W
LP1020-CC
20W, 24VDC
FF
F
R
R
LED Driver
Product
Specifications
ANZ#: Z095G, February 24, 2010
LP1020-xx Series
Switch-Mode LED Driver
Total Power
20 Watts
Input Voltages
100 ~ 277 VAC
Number of Outputs
One
SPECIAL FEATURES
ELECTRICAL SPECIFICATIONS
• UL1310, Class 2 and UL879 recognized
• Single output, constant current or constant
voltage design
• IP66 compliant
• Suitable for dry and damp locations
• Designed for outdoor or indoor applications
• Suitable in standard electrical junction boxes
• Compact and lightweight
• Active PFC reduces power consumption
Input range
Frequency
Power Factor
Crest Factor
Inrush current
Input current
Efficiency
EMI filtering
Maximum power
Current Accuracy
Load regulation
Leakage Current
Hold up time
Protection
100 ~ 304 VAC
47 to 63 Hz
> 0.92 at full load, 115VAC
1.5 max.
10.0 Amps maximum at 230VAC, cold start, 25º C
0.3 Amps maximum at 115VAC
85% typical at maximum load
47CFR, Part 2, Part 15 and Cispr PUB, 22 Class B
20W
±1% (when applicable)
±3%
300uA typ.
Half cycle minimum at 120 VAC and 80% of rated
load
Over-voltage, Over current and Short circuit
protection: Auto-recovery
ENVIRONMENTAL
Operating temperature:
-30 to 60 º C
(De-rating : 1% per º C from 60~70ºC )
Storage temperature:
-40 to +85º C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 50 Hz
MTBF:
>100,000 Hours at full load and 25ºC
ambient conditions (MIL-217F)
EMC :
Compliant to 47CFR, Part 2, Part15 and
Cispr PUB, 22 Class B
SAFETY
UL
UL1310, Class 2 and UL879 recognized
cUL
UL1310, Class 2 and UL879 recognized
CE
Note: 52VDC output is not cUL recognized
Model Number
Constant Voltage Mode
Model Number
Constant Current Mode
Output
Output
V (DC)
A (mA)
Watts
V (DC)
mA(Max.)
Watts
LP1020-52
52, ±5%
400
20
LP1020-52-Cxxxx
24~ 52
400, ±5%
20
LP1020-36
36, ±5%
550
20
LP1020-36-Cxxxx
18~ 36
550, ±5%
20
LP1020-24
24, ±5%
830
20
LP1020-24-Cxxxx
12~ 24
830, ±5%
20
LP1020-22
22, ±5%
910
20
LP1020-22-Cxxxx
12 ~ 22
910, ±5%
20
LP1020-18
18, ±5%
1100
20
LP1020-18-Cxxxx
9 ~ 18
1100, ±5%
20
LP1020-17
17, ±5%
1250
20
LP1020-17-Cxxxx
9 ~ 17
1250, ±5%
20
LP1020-15
15, ±5%
1330
20
LP1020-15-Cxxxx
9 ~ 15
1330, ±5%
20
LP1020-13
13, ±5%
1540
20
LP1020-13-Cxxxx
7 ~ 13
1540, ±5%
20
LP1020-12
12, ±5%
1660
20
LP1020-12-Cxxxx
7 ~ 12
1660, ±5%
20
LP1020-10
10, ±5%
2000
20
LP1020-10-Cxxxx
7 ~ 10
2000, ±5%
20
Note: The output current of Constant Current models are
adjustable at factory from 50% ~ 100%.
RECOMMEND APPLICATION SCHEMATICS


Similar Part No. - LP1020-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1020-13 ETC1-LP1020-13 Datasheet
57Kb / 2P
Switch-Mode LED Driver
More results

Similar Description - LP1020-13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1025 MARL-LP1025 Datasheet
65Kb / 1P
Switch-Mode LED Driver
LP1040CC MARL-LP1040CC Datasheet
58Kb / 2P
Switch-Mode LED Driver
LP1090-36-YZ-E MARL-LP1090-36-YZ-E Datasheet
162Kb / 2P
Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
Switch-Mode LED Driver
LP1020CC MARL-LP1020CC_15 Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1020CV MARL-LP1020CV_15 Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1025 MARL-LP1025_15 Datasheet
65Kb / 1P
Switch-Mode LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com