Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LP4100
Description  High Power Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LP4100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LP4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP4100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz143f
LED Driver
Product Specifications
ANZ#: Z143f, August 04, 2009
High Power Constant Current LED Driver
LP4100 Series
Total Power
96 Watts max.
Input Voltages
110 or 200-277VAC
Number of Outputs
Quad
Features :
Applications :
Available with 110VAC or 200-277VAC input
LED Refrigeration Application
0-10V dimming available - Optional
LED Architectural Lighting
Quad (4) Outputs with C/C or C/V mode
LED Industrial Lighting
Single (1) Output with C/V is available
LED Channel Letter
IP66, NEMA 3 for dry and damp Locations
LED General Luminaire
Convection Cooled in aluminum housing
FCC and CE compliant
Three Year Warranty
Electrical Specification
Input
•
Input Voltage Range: 100-132VAC or 200-277VAC
•
Input Freq. Range: 47 ~ 63 Hz
•
Efficiency: 82% typical (77% with 200-277VAC)
•
THD: Less than 20% at full load
•
Power Factor: > than 0.9
(note: 200-277VAC will be available in 3Q, 2008)
Output
•
Number of DC output: 4 individual output, 24-Watts maximum
•
Output Voltage Range: 12-26VDC
•
Output Current Range / Type: Max 880mA ± 8% / Constant Current
•
OVP: 35VDC max.
•
OTP: Yes
•
Dimming control: 0-10 VDC, 10.0V = 100% brightness and 1.0V = 15% brightness (output)
(Apply to both Constant Voltage “CV” and Constant Current “CC” version)
Model Selections
Constant Current Mode
Constant Voltage Mode
Model
Vf
(VDC)
Vi
(mA)
Watt
Channel
Model
Output
(VDC)
Output
(mA)
Watt
Channel
LP4100-40C350
9-40, ± 5%
350, ± 5%
15
LP4100-36C700
9-36, ± 5%
700, ± 5%
25
*LP4100-26C880
9-26, ± 5%
880, ± 5%
25
LP4100-24
24
808, ± 5%
20
*LP4100-24C1000
9-24, ± 5%
1000, ± 5%
25
LP4100-12
12
1617, ± 5%
20
LP1100-24
24
4000, ± 5%
96
Note: “ * “ Product is not UL recognized at the time this specification is released.
Environment
Operational Temp.: -40 to +60 C
° full load, derate 2% per C° from 60 - 70 C°.
Storage Temp.: -40 to +80 Deg. C
IP66
PENDING


Similar Part No. - LP4100

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
LP4100 MARL-LP4100 Datasheet
138Kb / 2P
High Power Constant Current LED Driver
LP4100 MARL-LP4100_15 Datasheet
138Kb / 2P
High Power Constant Current LED Driver
More results

Similar Description - LP4100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
High Power Constant Current LED Driver
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com