Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC02-SC Datasheet(PDF) 2 Page - Recom International Power

Part # RAC02-SC
Description  35mW max of No Load Power Consumption, Output CV/CC Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC02-SC Datasheet(HTML) 2 Page - Recom International Power

  RAC02-SC Datasheet HTML 1Page - Recom International Power RAC02-SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAC02-xxSC/277
Series
POWERLINE
AC/DC-Converter
Package Style and Pinning
Notes:
1. „Total Regulation“ is the output voltage tolerance which includes initial voltage accuracy, thermal drift, line regulation and load regulation at rated input voltage and
load condition.
2. „Ripple & Noise“ is maximum peak-to-peak voltage value measured at output within 20MHz bandwidth at rated line voltage and output load ranges, and with a
47 µF low-ESR electrolytic capacitor in parallel with a 0.1 µF ceramic capacitor across the output.
Specifications (measured at TA 25°C, full load after warm-up)
3rd angle
projection
100%
0%
Overcurrent
Limit
50%
Vnom
Vo
Load (%)
Output V-I Characteristic
33.7
17.75+0.25
6.1
28.0
5.0
0.75+0.25
Bottom View
2
1
4
3
11.1
7.62
7.62
2.85
7.62
0.75+0.25
15.24
0.6
22.2
Pin Connections
Pin #
Single Out
1
VAC in (N)
2
VAC in (L)
3
-VDC out
4
+VDC out
Tolerance ±0.5mm unless otherwise specified
www.recom-international.com
PA-5
REV: 1/2013
105
80
Input Voltage (VAC) Ta=25°C
80
180
130
230
280
80V, 95%
85V, 100%
305V, 100%
Input Voltage Derating Graph
Safe Operating Area



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com