Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FS-S Datasheet(PDF) 13 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 13 Page - SPANSION

Back Button S25FS-S Datasheet HTML 9Page - SPANSION S25FS-S Datasheet HTML 10Page - SPANSION S25FS-S Datasheet HTML 11Page - SPANSION S25FS-S Datasheet HTML 12Page - SPANSION S25FS-S Datasheet HTML 13Page - SPANSION S25FS-S Datasheet HTML 14Page - SPANSION S25FS-S Datasheet HTML 15Page - SPANSION S25FS-S Datasheet HTML 16Page - SPANSION S25FS-S Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 154 page
background image
November 6, 2013 S25FS-S_00_04
S25FS-S Family
13
Da ta
Shee t
(Prelim i nar y )
2.2
Migration Notes
2.2.1
Features Comparison
The S25FS-S family is command subset and footprint compatible with prior generation FL-S, FL-K, and FL-P
families. However, the power supply and interface voltages are nominal 1.8V.
Notes:
1. The 256B program page option only for 128-Mb and 256-Mb density FL-S devices.
2. The FL-P column indicates FL129P MIO SPI device (for 128-Mb density), FL128P does not support MIO, OTP, or 4-kB sectors.
3. 64-kB Sector Erase option only for 128-Mb/256-Mb density FL-P, FL-S and FS-S devices.
4. The FL-K family devices can erase 4-kB sectors in groups of 32 kB or 64 kB.
5. 512-Mb/1-Gb FL-S devices support 256-kB sector only.
6. Only 128-Mb/256-Mb density FL-S devices have 4-kB parameter sector option.
7. Refer to individual data sheets for further details.
Table 2.1 Spansion SPI Families Comparison
Parameter
FS-S
FL-S
FL-K
FL-P
Technology Node
65 nm
65 nm
90 nm
90 nm
Architecture
MirrorBit Eclipse
MirrorBit Eclipse
Floating Gate
MirrorBit
Density
128 Mb, 256 Mb
128 Mb, 256 Mb, 512 Mb, 1 Gb
4 Mb - 128 Mb
32 Mb - 256 Mb
Bus Width
x1, x2, x4
x1, x2, x4
x1, x2, x4
x1, x2, x4
Supply Voltage
1.7V - 2.0V
2.7V - 3.6V / 1.65V - 3.6V VIO
2.7V - 3.6V
2.7V - 3.6V
Normal Read Speed (SDR)
6 MB/s (50 MHz)
6 MB/s (50 MHz)
6 MB/s (50 MHz)
6 MB/s (40 MHz)
Fast Read Speed (SDR)
16.5 MB/s (133 MHz)
17 MB/s (133 MHz)
13 MB/s (104 MHz)
13 MB/s (104 MHz)
Dual Read Speed (SDR)
33 MB/s (133 MHz)
26 MB/s (104 MHz)
26 MB/s (104 MHz)
20 MB/s (80 MHz)
Quad Read Speed (SDR)
66 MB/s (133 MHz)
52 MB/s (104 MHz)
52 MB/s (104 MHz)
40 MB/s (80 MHz)
Quad Read Speed (DDR)
80 MB/s (80 MHz)
66 MB/s (66 MHz)
Program Buffer Size
256B / 512B
256B / 512B
256B
256B
Erase Sector Size
64 kB / 256 kB
64 kB / 256 kB
4 kB / 32 kB / 64 kB
64 kB / 256 kB
Parameter Sector Size
4 kB (option)
4 kB (option)
4 kB
4 kB
Sector Erase Rate (typ.)
500 kB/s
500 kB/s
136 kB/s (4 kB)
437 kB/s (64 kB)
130 kB/s
Page Programming Rate (typ.)
0.71 MB/s (256B)
1.08 MB/s (512B)
1.2 MB/s (256B)
1.5 MB/s (512B)
365 kB/s
170 kB/s
OTP
1024B
1024B
768B (3x256B)
506B
Advanced Sector Protection
Yes
Yes
No
No
Auto Boot Mode
No
Yes
No
No
Erase Suspend/Resume
Yes
Yes
Yes
No
Program Suspend/Resume
Yes
Yes
Yes
No
Operating Temperature
–40°C to +85°C / +105°C
–40°C to +85°C / +105°C
–40°C to +85°C°
–40°C to +85°C / +105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com