Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD13381F4T Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD13381F4T
Description  12 V, N-Channel FemtoFET??MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13381F4T Datasheet(HTML) 2 Page - Texas Instruments

  CSD13381F4T Datasheet HTML 1Page - Texas Instruments CSD13381F4T Datasheet HTML 2Page - Texas Instruments CSD13381F4T Datasheet HTML 3Page - Texas Instruments CSD13381F4T Datasheet HTML 4Page - Texas Instruments CSD13381F4T Datasheet HTML 5Page - Texas Instruments CSD13381F4T Datasheet HTML 6Page - Texas Instruments CSD13381F4T Datasheet HTML 7Page - Texas Instruments CSD13381F4T Datasheet HTML 8Page - Texas Instruments CSD13381F4T Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CSD13381F4
SLPS448A – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = 250 μA
12
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 9.6 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 4 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, IDS = 250 μA
0.65
0.85
1.10
V
VGS = 1.8 V, IDS =0.5 A
310
400
m
Ω
RDS(on)
Drain-to-Source On Resistance
VGS = 2.5 V, IDS =0.5 A
170
225
m
Ω
VGS = 4.5 V, IDS = 0.5 A
140
180
m
Ω
gfs
Transconductance
VDS = 6 V, IDS = 0.5 A
3.2
S
Dynamic Characteristics
Ciss
Input Capacitance
155
200
pF
VGS = 0 V, VDS = 6 V,
Coss
Output Capacitance
47
62
pF
f = 1 MHz
Crss
Reverse Transfer Capacitance
2.5
3.3
pF
RG
Series Gate Resistance
23
Ω
Qg
Gate Charge Total (4.5 V)
1060
1400
pC
Qgd
Gate Charge Gate to Drain
140
pC
VDS = 6 V, IDS = 0.5 A
Qgs
Gate Charge Gate to Source
230
pC
Qg(th)
Gate Charge at Vth
155
pC
Qoss
Output Charge
VDS = 6 V, VGS = 0 V
1120
pC
td(on)
Turn On Delay Time
3.7
ns
tr
Rise Time
1.5
ns
VDS = 0 V, VGS = 4.5 V,
IDS = 0.5 A,RG = 2 Ω
td(off)
Turn Off Delay Time
11.0
ns
tf
Fall Time
3.8
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 0.5 A, VGS = 0V
0.73
0.9
V
Qrr
Reverse Recovery Charge
1550
pC
VDS= 6 V, IF = 0.5 A, di/dt = 300 A/μs
trr
Reverse Recovery Time
6
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
Typical Values
UNIT
Thermal Resistance Junction to Ambient(1)
90
°C/W
RθJA
Thermal Resistance Junction to Ambient(2)
250
°C/W
(1)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD13381F4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com