Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753518 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753518
Description  Base strip - MSTBV 2,5/ 6-G - 1753518
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753518 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753518 Datasheet HTML 1Page - PHOENIX CONTACT 1753518 Datasheet HTML 2Page - PHOENIX CONTACT 1753518 Datasheet HTML 3Page - PHOENIX CONTACT 1753518 Datasheet HTML 4Page - PHOENIX CONTACT 1753518 Datasheet HTML 5Page - PHOENIX CONTACT 1753518 Datasheet HTML 6Page - PHOENIX CONTACT 1753518 Datasheet HTML 7Page - PHOENIX CONTACT 1753518 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/products/1753518
04.08.2013   Page 1 / 8
Base strip - MSTBV 2,5/ 6-G - 1753518
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 6, Pitch: 5 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
The figure shows a 10-position
version of the product
Product Features
 Versions with and without side panel
 Other pin lengths available on request
 Plug-in direction parallel and vertical to the PCB
 Standard pin strip for 320 V (III/2)
 
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions
Length
8.6 mm
Pitch
5 mm
Dimension a
25 mm
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
General
Range of articles
MSTBV 2,5/..-G


Similar Part No. - 1753518

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753518 PHOENIX-1753518 Datasheet
142Kb / 6P
MSTB 2,5/ 6-ST
1753518 PHOENIX-1753518 Datasheet
172Kb / 6P
MVSTBR 2,5/ 6-ST
1753518 PHOENIX-1753518 Datasheet
151Kb / 6P
MVSTBW 2,5/ 6-ST
More results

Similar Description - 1753518

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753576 PHOENIX-1753576 Datasheet
115Kb / 7P
Base strip - MSTBV 2,5/ 9-G
1753615 PHOENIX-1753615 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/11-G
1753712 PHOENIX-1753712 Datasheet
112Kb / 7P
Base strip - MSTBV 2,5/16-G
1753796 PHOENIX-1753796 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/20-G
1753534 PHOENIX-1753534 Datasheet
113Kb / 7P
Base strip - MSTBV 2,5/ 7-G
1753770 PHOENIX-1753770 Datasheet
87Kb / 5P
Base strip - MSTBV 2,5/19-G
1753819 PHOENIX-1753819 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/21-G
1753851 PHOENIX-1753851 Datasheet
88Kb / 5P
Base strip - MSTBV 2,5/23-G
1758102 PHOENIX-1758102 Datasheet
140Kb / 9P
Base strip - MSTBV 2,5/11-G-5,08
1758160 PHOENIX-1758160 Datasheet
79Kb / 5P
Base strip - MSTBV 2,5/17-G-5,08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com