Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1758021 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1758021
Description  Extract from the online catalog
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758021 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1758021 Datasheet HTML 1Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Extract from the online catalog
The illustration shows a 14-position version
Header, nominal current: 12 A, rated voltage: 250 V,
pitch: 5.08 mm, no. of positions: 3, mounting: Soldering
Order No.
1758021
Ord designation
MSTBV 2,5/ 3-G-5,08
EAN
4017918030230
Pack
50 Pcs.
Customs tariff
85369010
Catalog page information
Page 168 (CC-2005)
Address
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Phone +49 5235 3 00
Fax +49 5235 3 1200
http://www.phoenixcontact.com
Phoenix Contact
Technical modifications reserved;
MSTBV 2,5/ 3-G-5,08
Please note that the data given here has been taken from the online catalog. For comprehensive information and
data, please refer to the user documentation at http://www.download.phoenixcontact.com. The General Terms
and Conditions of Use apply to Internet downloads.
PHOENIX CONTACT GmbH & Co. KG
http://www.phoenixcontact.com
Jul 4, 2005
Page 1/1


Similar Part No. - 1758021

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758021 PHOENIX-1758021 Datasheet
169Kb / 7P
ICV 2,5/ 3-G-5,08
1758021 PHOENIX-1758021 Datasheet
154Kb / 6P
IC 2,5/ 3-G-5,08
1758021 PHOENIX-1758021 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
More results

Similar Description - 1758021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3005073 ETC2-3005073 Datasheet
178Kb / 10P
Extract from the online catalog
logo
PHOENIX CONTACT
1203657 PHOENIX-1203657 Datasheet
92Kb / 3P
Extract from the online catalog
PLC-RSC-120UC PHOENIX-PLC-RSC-120UC Datasheet
57Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
RIF-1-V8 PHOENIX-RIF-1-V8 Datasheet
70Kb / 5P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
RAD-SYS-NEMA4X-SMS PHOENIX-RAD-SYS-NEMA4X-SMS Datasheet
55Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
EMG22-ILA15AC PHOENIX-EMG22-ILA15AC Datasheet
42Kb / 1P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
CUTFOX-ES PHOENIX-CUTFOX-ES Datasheet
50Kb / 2P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
CRIMPFOX-16-N PHOENIX-CRIMPFOX-16-N Datasheet
56Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog
CRIMPFOX-RC-16-N PHOENIX-CRIMPFOX-RC-16-N Datasheet
54Kb / 3P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
CRIMPFOX-WF-6-N PHOENIX-CRIMPFOX-WF-6-N Datasheet
47Kb / 2P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com