Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5731MPHP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 18Page - Texas Instruments TAS5731MPHP Datasheet HTML 19Page - Texas Instruments TAS5731MPHP Datasheet HTML 20Page - Texas Instruments TAS5731MPHP Datasheet HTML 21Page - Texas Instruments TAS5731MPHP Datasheet HTML 22Page - Texas Instruments TAS5731MPHP Datasheet HTML 23Page - Texas Instruments TAS5731MPHP Datasheet HTML 24Page - Texas Instruments TAS5731MPHP Datasheet HTML 25Page - Texas Instruments TAS5731MPHP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
RL = 4
Ÿ
RL = 2
Ÿ
C033
PBTL Mode
PV
DD = 18V
f = 1kHz
T
A = 25°C
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
RL = 4
Ÿ
RL = 2
Ÿ
C029
PBTL Mode
PV
DD = 24V
f = 1kHz
T
A = 25°C
0
10
20
30
40
50
60
70
80
90
8
10
12
14
16
18
20
22
24
Supply Voltage (V)
RL = 4ŸTHD+N = 1%
RL = 4ŸTHD+N = 10%
RL = 2ŸTHD+N = 1%
RL = 2ŸTHD+N = 10%
C031
PBTL Mode
T
A = 25ƒC
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
Output Power (W)
RL = 4
Ÿ
RL = 2
Ÿ
C032
PBTL Mode
PV
DD = 12V
f = 1kHz
T
A = 25°C
TAS5731M
SLOS838B – JULY 2013 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS, PBTL CONFIGURATION, 8
Ω
OUTPUT POWER
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
SUPPLY VOLTAGE (PBTL MODE) (1)
OUTPUT POWER (PBTL MODE)
Figure 35.
Figure 36.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER (PBTL MODE)
OUTPUT POWER (PBTL MODE)
Figure 37.
Figure 38.
(1)
With 2
Ω load on typical 2 layer PCB, device may be thermally limited above 20V.
22
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com