Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK111PT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLK111PT
Description  TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK111PT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK111PT Datasheet HTML 17Page - Texas Instruments TLK111PT Datasheet HTML 18Page - Texas Instruments TLK111PT Datasheet HTML 19Page - Texas Instruments TLK111PT Datasheet HTML 20Page - Texas Instruments TLK111PT Datasheet HTML 21Page - Texas Instruments TLK111PT Datasheet HTML 22Page - Texas Instruments TLK111PT Datasheet HTML 23Page - Texas Instruments TLK111PT Datasheet HTML 24Page - Texas Instruments TLK111PT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
TX_CLK
TX_EN
TXD [3:0]
RX_CLK
RX_DV
RX_ER
RXD [3:0]
CRS
COL
PHY
MAC
TX_CLK
TX_EN
TXD [3:0]
RX_CLK
RX_DV
RX_ER
RXD [3:0]
CRS
COL
TLK111
www.ti.com
SLLSEF8A – AUGUST 2013 – REVISED NOVEMBER 2013
4
Interfaces
4.1
Media Independent Interface (MII)
The Media Independent Interface (MII) is a synchronous 4-bit wide nibble data interface that connects the
PHY to the MAC in 100B-TX and 10B-T modes. The MII is fully compliant with IEEE802.3-2002 clause 22.
The MII signals are summarized below.
Data signals
TXD [3:0]
RXD [3:0]
Transmit and receive-valid signals
TX_EN
RX_DV
Line-status signals
CRS (carrier sense)
COL (collision)
Figure 4-1 shows the MII-mode signals.
Figure 4-1. MII Signaling
The Isolate bit (BMCR register bit 10), defined in IEEE802.3-2002, electrically isolates the PHY from the
MII (if set, all transactions on the MII interface are ignored by the PHY).
Additionally, the MII interface includes the carrier sense signal CRS, as well as a collision detect signal
COL. The CRS signal asserts to indicate the reception of data from the network or as a function of
transmit data in Half Duplex mode. The COL signal asserts as an indication of a collision which can occur
during half-duplex operation when both transmit and receive operation occur simultaneously.
Copyright © 2013, Texas Instruments Incorporated
Interfaces
21
Submit Documentation Feedback
Product Folder Links: TLK111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com