Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3952 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # 3952
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3952 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button 3952 Datasheet HTML 8Page - Allegro MicroSystems 3952 Datasheet HTML 9Page - Allegro MicroSystems 3952 Datasheet HTML 10Page - Allegro MicroSystems 3952 Datasheet HTML 11Page - Allegro MicroSystems 3952 Datasheet HTML 12Page - Allegro MicroSystems 3952 Datasheet HTML 13Page - Allegro MicroSystems 3952 Datasheet HTML 14Page - Allegro MicroSystems 3952 Datasheet HTML 15Page - Allegro MicroSystems 3952 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
3952
FULL-BRIDGE
PWM MOTOR DRIVER
0
° TO 8°
1
2
3
0.2992
0.2914
0.4133
0.3977
0.491
0.394
0.020
0.013
0.0926
0.1043
0.0040 MIN.
0.0125
0.0091
0.050
0.016
Dwg. MA-008-17 in
0.050
BSC
16
9
A3952SLB
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)
0
° TO 8°
9
1
16
2
3
7.60
7.40
10.50
10.10
10.65
10.00
0.51
0.33
2.65
2.35
0.10 MIN.
0.32
0.23
1.27
0.40
Dwg. MA-008-17A mm
1.27
BSC
NOTES: 1. Webbed lead frame. Leads indicated are internally one piece.
2. Lead spacing tolerance is non-cumulative.
3. Exact body and lead configuration at vendor’s option within limits shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com