Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3957 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # 3957
Description  FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3957 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button 3957 Datasheet HTML 8Page - Allegro MicroSystems 3957 Datasheet HTML 9Page - Allegro MicroSystems 3957 Datasheet HTML 10Page - Allegro MicroSystems 3957 Datasheet HTML 11Page - Allegro MicroSystems 3957 Datasheet HTML 12Page - Allegro MicroSystems 3957 Datasheet HTML 13Page - Allegro MicroSystems 3957 Datasheet HTML 14Page - Allegro MicroSystems 3957 Datasheet HTML 15Page - Allegro MicroSystems 3957 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
3957
FULL-BRIDGE PWM
MICROSTEPPING
MOTOR DRIVER
Full
1/2
1/4
1/8
1/16
Bridge A
Bridge B
Step
Step Step Step Step Step
PHASEA D3A
D2A
D1A
D0A
ILOAD A
PHASEB D3B
D2B
D1B
D0B
ILOAD B
angle
11111
H
H
H
H
H
100%
X
L
L
L
X
0%
0
°
2
H
H
H
H
H
100%
H
L
L
H
L
17.4%
2
3
H
H
H
H
H
100%
H
L
L
H
H
26.1%
4
H
H
H
H
L
95.7%
H
L
H
L
L
34.8%
2
3
5
H
H
H
L
H
91.3%
H
L
H
L
H
43.5%
6
H
H
H
L
L
87.0%
H
L
H
H
L
52.2%
4
7
H
H
L
H
H
82.6%
H
L
H
H
H
60.9%
8
H
H
L
H
L
78.3%
H
H
L
L
L
69.6%
2359
H
H
L
L
H
73.9%
H
H
L
L
H
73.9%
45
°
10
H
H
L
L
L
69.6%
H
H
L
H
L
78.3%
6
11
H
L
H
H
H
60.9%
H
H
L
H
H
82.6%
12
H
L
H
H
L
52.2%
H
H
H
L
L
87.0%
4
7
13
H
L
H
L
H
43.5%
H
H
H
L
H
91.3%
14
H
L
H
L
L
34.8%
H
HHHL
95.7%
8
15
H
L
L
H
H
26.1%
H
H
H
H
H
100%
16
H
L
L
H
L
17.4%
H
H
H
H
H
100%
2359
17
X
L
L
L
X
0%
H
H
H
H
H
100%
90
°
18
L
L
L
H
L
-17.4%
H
H
H
H
H
100%
10
19
L
L
L
H
H
-26.1%
H
H
H
H
H
100%
20
L
L
H
L
L
-34.8%
H
HHHL
95.7%
6
11
21
L
L
H
L
H
-43.5%
H
H
H
L
H
91.3%
22
L
L
H
H
L
-52.2%
H
H
H
L
L
87.0%
12
23
L
L
H
H
H
-60.9%
H
H
L
H
H
82.6%
24
L
H
L
L
L
-69.6%
H
H
L
H
L
78.3%
4
7
13
25
L
H
L
L
H
-73.9%
H
H
L
L
H
73.9%
135
°
26
L
H
L
H
L
-78.3%
H
H
L
L
L
69.6%
14
27
L
H
L
H
H
-82.6%
H
L
H
H
H
60.9%
28
L
H
H
L
L
-87.0%
H
L
H
H
L
52.2%
8
15
29
L
H
H
L
H
-91.3%
H
L
H
L
H
43.5%
30
L
H
H
H
L
-95.7%
H
L
H
L
L
34.8%
16
31
L
H
H
H
H
-100%
H
L
L
H
H
26.1%
32
L
H
H
H
H
-100%
H
L
L
H
L
17.4%
3
5
9
17
33
L
H
H
H
H
-100%
X
L
L
L
X
0%
180
°
34
L
H
H
H
H
-100%
L
L
L
H
L
-17.4%
18
35
L
H
H
H
H
-100%
L
L
L
H
H
-26.1%
36
L
H
H
H
L
-95.7%
L
L
H
L
L
-34.8%
10
19
37
L
H
H
L
H
-91.3%
L
L
H
L
H
-43.5%
38
L
H
H
L
L
-87.0%
L
L
H
H
L
-52.2%
20
39
L
H
L
H
H
-82.6%
L
L
H
H
H
-60.9%
40
L
H
L
H
L
-78.3%
L
H
L
L
L
-69.6%
6
11
21
41
L
H
L
L
H
-73.9%
L
H
L
L
H
-73.9%
225
°
42
L
H
L
L
L
-69.6%
L
H
L
H
L
-78.3%
22
43
L
L
H
H
H
-60.9%
L
H
L
H
H
-82.6%
44
L
L
H
H
L
-52.2%
L
H
H
L
L
-87.0%
12
23
45
L
L
H
L
H
-43.5%
L
H
H
L
H
-91.3%
46
L
L
H
L
L
-34.8%
L
HHHL
-95.7%
24
47
L
L
L
H
H
-26.1%
L
H
H
H
H
-100%
48
L
L
L
H
L
-17.4%
L
H
H
H
H
-100%
4
7
13
25
49
X
L
L
L
X
0%
L
H
H
H
H
-100%
270
°
50
H
L
L
H
L
17.4%
L
H
H
H
H
-100%
26
51
H
L
L
H
H
26.1%
L
H
H
H
H
-100%
52
H
L
H
L
L
34.8%
L
HHHL
-95.7%
14
27
53
H
L
H
L
H
43.5%
L
H
H
L
H
-91.3%
54
H
L
H
H
L
52.2%
L
H
H
L
L
-87.0%
28
55
H
L
H
H
H
60.9%
L
H
L
H
H
-82.6%
56
H
H
L
L
L
69.6%
L
H
L
H
L
-78.3%
8
15
29
57
H
H
L
L
H
73.9%
L
H
L
L
H
-73.9%
315
°
58
H
H
L
H
L
78.3%
L
H
L
L
L
-69.6%
30
59
H
H
L
H
H
82.6%
L
L
H
H
H
-60.9%
60
H
H
H
L
L
87.0%
L
L
H
H
L
-52.2%
16
31
61
H
H
H
L
H
91.3%
L
L
H
L
H
-43.5%
62
H
H
H
H
L
95.7%
L
L
H
L
L
-34.8%
32
63
H
H
H
H
H
100%
L
L
L
H
H
-26.1%
64
H
H
H
H
H
100%
L
L
L
H
L
-17.4%
Table 4 — Step Sequencing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com