Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3952SW Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3952SW
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3952SW Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3952SW Datasheet HTML 6Page - Allegro MicroSystems A3952SW Datasheet HTML 7Page - Allegro MicroSystems A3952SW Datasheet HTML 8Page - Allegro MicroSystems A3952SW Datasheet HTML 9Page - Allegro MicroSystems A3952SW Datasheet HTML 10Page - Allegro MicroSystems A3952SW Datasheet HTML 11Page - Allegro MicroSystems A3952SW Datasheet HTML 12Page - Allegro MicroSystems A3952SW Datasheet HTML 13Page - Allegro MicroSystems A3952SW Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
3952
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Typical DC Servo Motor Application
47
µF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
V
CC
VBB
VBB
LOGIC
Dwg. EP-047
V
BB
MODE
PHASE
ENABLE
BRAKE
+5 V
motor is more linear than in the case of ENABLE PWM
control (which produces a discontinuous current at low-
current levels).
With bidirectional dc servo motors, the PHASE termi-
nal can be used for mechanical direction control. Similar
to when braking the motor dynamically, abrupt changes in
the direction of a rotating motor produce a current gener-
ated by the back EMF. The current generated will depend
on the mode of operation. If the internal current-control
circuitry is not being used, then the maximum load current
generated can be approximated by
I
LOAD = (VBEMF + VBB)/RLOAD
where V
BEMF is proportional to the motor’s speed.
If the
internal slow-decay current-control circuitry is used, then
the maximum load current generated can be approximated
by I
LOAD = VBEMF/RLOAD. For both cases, care must be taken
to ensure the maximum ratings of the device are not
exceeded. If the internal fast-decay current-control
circuitry is used, then the load current will regulate to a
value given by
I
LOAD = VREF/(10•RS).
CAUTION: In fast-decay mode, when the direction of
the motor is changed abruptly, the kinetic energy stored in
the motor and load inertia will be converted into current
that charges the V
BB supply bulk capacitance (power
supply output and decoupling capacitance). Care must be
taken to ensure the capacitance is sufficient to absorb the
energy without exceeding the voltage rating of any devices
connected to the motor supply.
See also, the sections on brake operation under
“Functional Description,” above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com