Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3971 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3971
Description  DUAL DMOS FULL-BRIDGE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3971 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3971 Datasheet HTML 1Page - Allegro MicroSystems 3971 Datasheet HTML 2Page - Allegro MicroSystems 3971 Datasheet HTML 3Page - Allegro MicroSystems 3971 Datasheet HTML 4Page - Allegro MicroSystems 3971 Datasheet HTML 5Page - Allegro MicroSystems 3971 Datasheet HTML 6Page - Allegro MicroSystems 3971 Datasheet HTML 7Page - Allegro MicroSystems 3971 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3971
DUAL DMOS
FULL-BRIDGE DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2000, Allegro MicroSystems, Inc.
BRIDGE 1
CONTROL
LOGIC
VOLTAGE
REFERENCE
UVLO &
THERMAL
SHUTDOWN
OUT
2A
SENSE
2
GATE
DRIVE
CHARGE PUMP
CP1
CP2
V
CP
V
BB2
S
20
S
21
OUT
2B
0.22
µF/100 V
V
DD
DMOS H-BRIDGE
0.22
µF
50 V
OUT
1A
V
BB1
OUT
1B
DMOS H-BRIDGE
SENSE
1
VCP
GROUND
S
10
S
11
PWM
1
PWM
2
V REF
LOW SIDE SUPPLY
BRIDGE 2
CONTROL
LOGIC
LGND
(OPTIONAL)
(OPTIONAL)
LOAD
SUPPLY
R
S,
C
S
R
S
, C
S
LOGIC
SUPPLY
Dwg. FP-050
24
3
10
11
22
15
23
2
8
9
4
5
17
16
21
20
14
12
13
6
7
18 19



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com