Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3972 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3972
Description  DUAL DMOS FULL-BRIDGE MICROSTEPPING PWM MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3972 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3972 Datasheet HTML 1Page - Allegro MicroSystems 3972 Datasheet HTML 2Page - Allegro MicroSystems 3972 Datasheet HTML 3Page - Allegro MicroSystems 3972 Datasheet HTML 4Page - Allegro MicroSystems 3972 Datasheet HTML 5Page - Allegro MicroSystems 3972 Datasheet HTML 6Page - Allegro MicroSystems 3972 Datasheet HTML 7Page - Allegro MicroSystems 3972 Datasheet HTML 8Page - Allegro MicroSystems 3972 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3972
DUAL DMOS FULL-BRIDGE
MICROSTEPPING PWM MOTOR DRIVER
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VBB = 50 V, VDD = 5.0 V, VS = 0.5 V,
f
PWM < 50 kHz (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Load Supply Voltage Range
V
BB
Operating
15
—
50
V
During sleep mode
0
—
50
V
Logic Supply Voltage Range
V
DD
Operating
4.5
5.0
5.5
V
Load Supply Current
I
BB
f
PWM < 50 kHz
—
—
8.0
mA
Operating, outputs disabled
—
—
6.0
mA
Sleep or idle mode
—
—
20
µA
Logic Supply Current
I
DD
f
PWM < 50 kHz
—
—
12
mA
Outputs off
—
—
10
mA
Idle mode (D0 = 1, D18 = 0)
—
—
1.5
mA
Sleep mode
—
—
100
µA
Output Drivers
Output Leakage Current
I
DSS
V
OUT = VBB
—
<1.0
50
µA
V
OUT = 0 V
—
<-1.0
-50
µA
Output On Resistance
r
DS(on)
Source driver, I
OUT = –1.5 A
—
0.5
0.55
Ω
Sink driver, I
OUT = 1.5 A
—
0.315
0.35
Ω
Body Diode Forward Voltage
V
F
Source diode, I
F = 1.5 A
—
—
1.2
V
Sink diode, I
F = 1.5 A
—
—
1.2
V
Control Logic
Logic Input Voltage
V
IN(1)
2.0
—
—
V
V
IN(0)
——
0.8
V
Logic Input Current
I
IN(1)
V
IN = 2.0 V
—
<1.0
20
µA
I
IN(0)
V
IN = 0.8 V
—
<-2.0
-20
µA
OSC Input Frequency Range
f
OSC
Divide by one
2.5
—
6.0
MHz
(D0 =1, D13 = 0, D14 = 1)
OSC Input Duty Cycle
—
40
—
60
%
Input Hysterisis
∆V
IN
0.20
—
0.40
V
continued next page ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com