Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV32T-R10M-PFR Datasheet(PDF) 14 Page - TDK Electronics

Part # NLCV32T-R10M-PFR
Description  Inductors for Decoupling Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV32T-R10M-PFR Datasheet(HTML) 14 Page - TDK Electronics

Back Button NLCV32T-R10M-PFR Datasheet HTML 8Page - TDK Electronics NLCV32T-R10M-PFR Datasheet HTML 9Page - TDK Electronics NLCV32T-R10M-PFR Datasheet HTML 10Page - TDK Electronics NLCV32T-R10M-PFR Datasheet HTML 11Page - TDK Electronics NLCV32T-R10M-PFR Datasheet HTML 12Page - TDK Electronics NLCV32T-R10M-PFR Datasheet HTML 13Page - TDK Electronics NLCV32T-R10M-PFR Datasheet HTML 14Page - TDK Electronics NLCV32T-R10M-PFR Datasheet HTML 15Page - TDK Electronics NLCV32T-R10M-PFR Datasheet HTML 16Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
• All specifications are subject to change without notice.
(12/14)
001-03 / 20110927 / e511_nlcv_nlc
Inductors for Decoupling Circuits
Wound/For Current
NLC Series NLC565050
FEATURES
• The NLC series feature low DC resistance and high current
handling capacities, making them ideal for power supply line
applications.
• The product has good heat durability that withstands lead-free
compatible reflow soldering conditions.
• Lead-free material is used for the plating on the terminal.
• The product uses metal terminals, which realize excellent
connection reliability.
• From 1µH to 1000µH, all of the products in the E-12 series are
K(±10%) tolerance products.
• It is a product conforming to RoHS directive.
APPLICATIONS
• Electronic equipment used in communication infrastructures
including xDSL and mobile base stations.
• Audio-visual equipment including TVs and VCRs.
• Other electronic equipment including HDDs and ODDs.
SPECIFICATIONS
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERING
FLOW SOLDERING
IRON SOLDERING
Based on the above conditions, use a maximum product temperature of
260°C and a maximum accumulated heating time of 10 seconds as a
guideline.
• Please contact us for details.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
(6) Lead-free compatible product
PACKAGING STYLE AND QUANTITIES
Conformity to RoHS Directive
Operating temperature range
–40 to +105°C
[Including self-temperature rise]
Storage temperature range
–40 to +105°C
150˚C
180˚C
255˚C
230˚C
Pre-heating
90 to 120s
40s max.
10s max.
Natural
cooling
Time(s)
150˚C
170˚C
260˚C max.
Pre-heating
60 to 120s
10s max.
Natural
cooling
Time(s)
Tip temperature
300 to 350°C
Heating time
3 seconds/soldering
Soldering rod specifications
Output: 30W Tip diameter: 1mm
NLC 565050 T-
2R2
K - PF
(1)
(2)
(3)
(4)
(5)
(6)
565050
5.6
×5.0×5.0mm(L
×W×T)
T
Taping(reel)
1R0
1µH
100
10µH
101
100µH
102
1000µH
K±10%
PF
Lead-free compatible product
Packaging style
Quantity
Taping
400 pieces/reel
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com