Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLCV32T-R15M-PFR Datasheet(PDF) 15 Page - TDK Electronics

Part # NLCV32T-R15M-PFR
Description  Inductors for Decoupling Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV32T-R15M-PFR Datasheet(HTML) 15 Page - TDK Electronics

Back Button NLCV32T-R15M-PFR Datasheet HTML 8Page - TDK Electronics NLCV32T-R15M-PFR Datasheet HTML 9Page - TDK Electronics NLCV32T-R15M-PFR Datasheet HTML 10Page - TDK Electronics NLCV32T-R15M-PFR Datasheet HTML 11Page - TDK Electronics NLCV32T-R15M-PFR Datasheet HTML 12Page - TDK Electronics NLCV32T-R15M-PFR Datasheet HTML 13Page - TDK Electronics NLCV32T-R15M-PFR Datasheet HTML 14Page - TDK Electronics NLCV32T-R15M-PFR Datasheet HTML 15Page - TDK Electronics NLCV32T-R15M-PFR Datasheet HTML 16Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
• All specifications are subject to change without notice.
(13/14)
001-03 / 20110927 / e511_nlcv_nlc
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 20°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
• Test equipment L, Q: YHP4194A IMPEDANCE ANALYZER+YHP16085A+YHP16093B+TF-1, or equivalent
SRF: HP8753C NETWORK ANALYZER (Zin=Zout=50
Ω), or equivalent
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
Inductance
(µH)
Inductance
tolerance
Q
min.
Test frequency
L, Q (MHz)
Self-resonant
frequency (MHz)min.
DC resistance
(
Ω)max.
Rated current
(mA)max.
Part No.
1
±10%
10
7.96
95
0.03
1800
NLC565050T-1R0K-PF
1.2
±10%
10
7.96
70
0.035
1700
NLC565050T-1R2K-PF
1.5
±10%
10
7.96
55
0.04
1600
NLC565050T-1R5K-PF
1.8
±10%
10
7.96
47
0.05
1400
NLC565050T-1R8K-PF
2.2
±10%
10
7.96
42
0.06
1300
NLC565050T-2R2K-PF
2.7
±10%
10
7.96
37
0.07
1200
NLC565050T-2R7K-PF
3.3
±10%
10
7.96
34
0.08
1120
NLC565050T-3R3K-PF
3.9
±10%
10
7.96
32
0.09
1050
NLC565050T-3R9K-PF
4.7
±10%
10
7.96
29
0.11
950
NLC565050T-4R7K-PF
5.6
±10%
10
7.96
26
0.13
880
NLC565050T-5R6K-PF
6.8
±10%
10
7.96
24
0.15
810
NLC565050T-6R8K-PF
8.2
±10%
10
7.96
22
0.18
750
NLC565050T-8R2K-PF
10
±10%
10
2.52
19
0.21
690
NLC565050T-100K-PF
12
±10%
10
2.52
17
0.25
630
NLC565050T-120K-PF
15
±10%
10
2.52
16
0.3
580
NLC565050T-150K-PF
18
±10%
10
2.52
14
0.36
530
NLC565050T-180K-PF
22
±10%
10
2.52
13
0.43
480
NLC565050T-220K-PF
27
±10%
10
2.52
11.5
0.52
440
NLC565050T-270K-PF
33
±10%
10
2.52
10.5
0.62
400
NLC565050T-330K-PF
39
±10%
10
2.52
9.5
0.72
370
NLC565050T-390K-PF
47
±10%
10
2.52
8.5
0.85
340
NLC565050T-470K-PF
56
±10%
10
2.52
7.8
1
310
NLC565050T-560K-PF
68
±10%
10
2.52
7
1.2
290
NLC565050T-680K-PF
82
±10%
10
2.52
6.4
1.4
270
NLC565050T-820K-PF
100
±10%
20
0.796
6
1.6
250
NLC565050T-101K-PF
120
±10%
20
0.796
5.4
1.9
230
NLC565050T-121K-PF
150
±10%
20
0.796
4.8
2.2
210
NLC565050T-151K-PF
180
±10%
20
0.796
4.4
2.8
190
NLC565050T-181K-PF
220
±10%
20
0.796
3.9
3.4
170
NLC565050T-221K-PF
270
±10%
20
0.796
3.6
4.2
155
NLC565050T-271K-PF
330
±10%
20
0.796
3.2
4.9
140
NLC565050T-331K-PF
390
±10%
20
0.796
2.9
5.8
130
NLC565050T-391K-PF
470
±10%
20
0.796
2.6
7
120
NLC565050T-471K-PF
560
±10%
20
0.796
2.4
8.5
110
NLC565050T-561K-PF
680
±10%
20
0.796
2.2
10
100
NLC565050T-681K-PF
820
±10%
20
0.796
2
13
90
NLC565050T-821K-PF
1000
±10%
20
0.252
1.8
15
85
NLC565050T-102K-PF
470
C1
5.6
±0.3
5
±0.3
4
±0.2
Weight: 380mg
(0.5)
Terminal
electrode
Solder land pattern
Inductor
22
4
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com