Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL60P Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # LL60P
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

LL60P Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  LL60P Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD LL60P Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Electrical Characteristics
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
LL60
VF
0.32
0.5
V
IF=1mA
LL60P
VF
0.24
0.5
V
IF=30mA
LL60
VF
0.65
1.0
V
Forward voltage
IF=200mA
LL60P
VF
0.65
1.0
V
LL60
IR
0.1
0.5
μ
A
Reverse current
VR=15V
LL60P
IR
0.5
1.0
μ
A
VR=1V, f=1MHz
LL60
CJ
2.0
pF
Junction capacitance
VR=10V, f=1MHz
LL60P
CJ
6.0
pF
Reverse recovery time
IF=IR=1mA Irr=1mA RC=100
trr
1.0
ns
Dimensions in mm
Cathode identification
0.3
3.5±0.2
Glass Case
Mini Melf / SOD 80
JEDEC DO 213 AA
LL60/LL60P
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com