Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # KTA1663
Description  TRANSISTOR (PNP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

KTA1663 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  KTA1663 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
KTA1663
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
0.5
W (Tamb=25
℃)
Collector current
ICM:
-1.5
A
Collector-base voltage
V(BR)CBO:
-35
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-1mA, IE=0
-35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10mA , IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
µA
DC current gain
HFE
VCE=-2V, IC= -500mA
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=-1.5A, IB= -30mA
-2.0
V
Base-Emitter saturation votage
VBE
VCE=-2V, IC=500mA
-1.0
Transition frequency
f T
VCE= -5V, IC=- 50mA
80
MHz
Coolletor Output Capacitance
Cob
VCB=-10V, IE=0,f=1MHZ
50
p
F
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
Marking
HO
HY
SOT-89
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
1
2
3
KTA1663
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - KTA1663

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
logo
Weitron Technology
KTA1663 WEITRON-KTA1663 Datasheet
172Kb / 3P
PNP Epitaxial Planar Transistors
logo
Shenzhen Jin Yu Semicon...
KTA1663 HTSEMI-KTA1663 Datasheet
475Kb / 2P
TRANSISTOR (PNP)
logo
GUANGDONG HOTTECH INDUS...
KTA1663 HOTTECH-KTA1663 Datasheet
215Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
KTA1663 BILIN-KTA1663 Datasheet
181Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - KTA1663

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com