Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7828
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7828 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS7828 Datasheet HTML 8Page - Texas Instruments ADS7828 Datasheet HTML 9Page - Texas Instruments ADS7828 Datasheet HTML 10Page - Texas Instruments ADS7828 Datasheet HTML 11Page - Texas Instruments ADS7828 Datasheet HTML 12Page - Texas Instruments ADS7828 Datasheet HTML 13Page - Texas Instruments ADS7828 Datasheet HTML 14Page - Texas Instruments ADS7828 Datasheet HTML 15Page - Texas Instruments ADS7828 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ADS7828
12
SBAS181C
www.ti.com
INITIATING CONVERSION
Provided the master has write-addressed it, the ADS7828
turns on the A/D converter’s section and begins conversions
when it receives BIT 4 of the command byte shown in the
Command Byte. If the command byte is correct, the ADS7828
will return an ACK condition.
READING DATA
Data can be read from the ADS7828 by read-addressing the
part (LSB of address byte set to 1) and receiving the
transmitted bytes. Converted data can only be read from the
ADS7828 once a conversion has been initiated as described
in the preceding section.
Each 12-bit data word is returned in two bytes, as shown
below, where D11 is the MSB of the data word, and D0 is the
LSB. Byte 0 is sent first, followed by Byte 1.
FIGURE 3. Typical Read Sequence in F/S Mode.
Sr
A1
100
1
0
A0
R
A
00
00
D11 D10 D9 D8
AD7 D6 . . .D1 D0
NP
SA1
10
010
A0
W
ASD
C2 C1 C0 PD1 PD0 XXA
From Master to Slave
A = acknowledge (SDA LOW)
N = not acknowledge (SDA HIGH)
S = START Condition
P = STOP Condition
Sr = repeated START condition
W = '0' (WRITE)
R = '1' (READ)
From Slave to Master
Write-Addressing Byte
Command Byte
ADC Power-Down Mode
ADC Sampling Mode
ADC Converting Mode
ADC Power-Down Mode
(depending on power-down selection bits)
Read-Addressing Byte
2 x (8 Bits + ack/not-ack)
See Note (1)
NOTE: (1) To secure bus operation and loop back to the stage of write-addressing for next conversion, use repeated START.
MSB
6
5
43
21
LSB
BYTE 0
0
0
0
0
D11
D10
D9
D8
BYTE 1
D7
D6
D5
D4
D3
D2
D1
D0
READING IN F/S MODE
Figure 3 describes the interaction between the master and
the slave ADS7828 in Fast or Standard (F/S) mode. At the
end of reading conversion data the ADS7828 can be issued
a repeated START condition by the master to secure bus
operation for subsequent conversions of the A/D converter.
This would be the most efficient way to perform continuous
conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com