Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7828EB250 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7828EB250
Description  12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7828EB250 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7828EB250 Datasheet HTML 3Page - Texas Instruments ADS7828EB250 Datasheet HTML 4Page - Texas Instruments ADS7828EB250 Datasheet HTML 5Page - Texas Instruments ADS7828EB250 Datasheet HTML 6Page - Texas Instruments ADS7828EB250 Datasheet HTML 7Page - Texas Instruments ADS7828EB250 Datasheet HTML 8Page - Texas Instruments ADS7828EB250 Datasheet HTML 9Page - Texas Instruments ADS7828EB250 Datasheet HTML 10Page - Texas Instruments ADS7828EB250 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ADS7828
7
SBAS181C
www.ti.com
TYPICAL CHARACTERISTICS
TA = +25°C, VDD = +2.7V, VREF = External +2.5V, fSAMPLE = 50kHz, unless otherwise noted.
0.00
–40.00
–80.00
–120.0
010
20
25
Frequency (kHz)
FREQUENCY SPECTRUM
(4096 Point FFT: f
IN = 1kHz, 0dB)
2.00
1.50
1.00
0.50
0.00
–0.50
–1.00
–1.50
–2.00
0
1024
2048
3072
4095
Output Code
INTEGRAL LINEARITY ERROR vs CODE
(2.5V Internal Reference)
2.00
1.50
1.00
0.50
0.00
–0.50
–1.00
–1.50
–2.00
0
1024
2048
3072
4095
Output Code
DIFFERENTIAL LINEARITY ERROR vs CODE
(2.5V Internal Reference)
2.00
1.50
1.00
0.50
0.00
–0.50
–1.00
–1.50
–2.00
0
1024
2048
3072
4095
Output Code
INTEGRAL LINEARITY ERROR vs CODE
(2.5V External Reference)
2.00
1.50
1.00
0.50
0.00
–0.50
–1.00
–1.50
–2.00
0
1024
2048
3072
4095
Output Code
DIFFERENTIAL LINEARITY ERROR vs CODE
(2.5V External Reference)
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–50
–25
0
25
50
75
100
Temperature (
°C)
CHANGE IN OFFSET vs TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com