Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M054LBN Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M054LBN
Description  32-BIT MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M054LBN Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button M054LBN Datasheet HTML 3Page - List of Unclassifed Manufacturers M054LBN Datasheet HTML 4Page - List of Unclassifed Manufacturers M054LBN Datasheet HTML 5Page - List of Unclassifed Manufacturers M054LBN Datasheet HTML 6Page - List of Unclassifed Manufacturers M054LBN Datasheet HTML 7Page - List of Unclassifed Manufacturers M054LBN Datasheet HTML 8Page - List of Unclassifed Manufacturers M054LBN Datasheet HTML 9Page - List of Unclassifed Manufacturers M054LBN Datasheet HTML 10Page - List of Unclassifed Manufacturers M054LBN Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
NuMicro
™
M052/M054BN Data Sheet
Publication Release Date: Mar. 19, 2012
- 7 -
Revision V1.01
2
FEATURES
Core
ARM
® Cortex™-M0 core runs up to 50 MHz.
One 24-bit system timer.
Supports low power sleep-mode.
A single-cycle 32-bit hardware multiplier.
NVIC for the 32 interrupt inputs, each with 4-levels of priority.
Supports Serial Wire Debug (SWD) interface and 2 watchpoints/4 breakpoints.
Built-in LDO for Wide Operating Voltage Range: 2.5V to 5.5V
Memory
8KB/16KB Flash memory for program memory (APROM)
4KB Flash memory for data memory (DataFlash)
4KB Flash memory for loader (LDROM)
4KB SRAM for internal scratch-pad RAM (SRAM)
Clock Control
Programmable system clock source
4~24 MHz external crystal input
22.1184 MHz internal oscillator (trimmed to 3% accuracy)
10 kHz low-power oscillator for Watchdog Timer and wake-up in sleep mode
PLL allows CPU operation up to the maximum 50MHz
I/O Port
Up to 40 general-purpose I/O (GPIO) pins for LQFP-48 package
Four I/O modes:
 Quasi bi-direction
 Push-Pull output
 Open-Drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com