Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5821 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 5821
Description  BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5821 Datasheet(HTML) 3 Page - Allegro MicroSystems

  5821 Datasheet HTML 1Page - Allegro MicroSystems 5821 Datasheet HTML 2Page - Allegro MicroSystems 5821 Datasheet HTML 3Page - Allegro MicroSystems 5821 Datasheet HTML 4Page - Allegro MicroSystems 5821 Datasheet HTML 5Page - Allegro MicroSystems 5821 Datasheet HTML 6Page - Allegro MicroSystems 5821 Datasheet HTML 7Page - Allegro MicroSystems 5821 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5821 AND 5822
8-BIT SERIAL-INPUT,
LATCHED DRIVERS
www.allegromicro.com
Limits
Characteristic
Symbol
Test Conditions
Min.
Max.
Units
Output Leakage
ICEX
UCN5821A/LW, VOUT = 50 V
—
50
µA
Current
UCN5822A/LW, VOUT = 80 V
—
50
µA
UCN5821A/LW, VOUT = 50 V, TA = +70
°C
—
100
µA
UCN5822A/LW, VOUT = 80 V, TA = +70
°C
—
100
µA
Collector-Emitter
VCE(SAT)
IOUT = 100 mA
—
1.1
V
Saturation Voltage
IOUT = 200 mA
—
1.3
V
IOUT = 350 mA, VDD = 7.0 V
—
1.6
V
Input Voltage
VIN(0)
—
0.8
V
VIN(1)
VDD = 12 V
10.5
—
V
VDD = 5.0 V
3.5
—
V
Input Resistance
rIN
VDD = 12 V
50
—
k
Ω
VDD = 5.0 V
50
—
k
Ω
Supply Current
IDD(ON)
One Driver ON, VDD = 12 V
—
4.5
mA
One Driver ON, VDD = 10 V
—
3.9
mA
One Driver ON, VDD = 5.0 V
—
2.4
mA
IDD(OFF)
VDD = 5.0 V, All Drivers OFF, All Inputs = 0 V
—
1.6
mA
VDD = 12 V, All Drivers OFF, All Inputs = 0 V
—
2.9
mA
ELECTRICAL CHARACTERISTICS at TA = +25
°C, V
DD = 5 V, (unless otherwise specified).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com