Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7457BRT-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7457BRT-R2
Description  Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7457BRT-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7457BRT-R2 Datasheet HTML 6Page - Analog Devices AD7457BRT-R2 Datasheet HTML 7Page - Analog Devices AD7457BRT-R2 Datasheet HTML 8Page - Analog Devices AD7457BRT-R2 Datasheet HTML 9Page - Analog Devices AD7457BRT-R2 Datasheet HTML 10Page - Analog Devices AD7457BRT-R2 Datasheet HTML 11Page - Analog Devices AD7457BRT-R2 Datasheet HTML 12Page - Analog Devices AD7457BRT-R2 Datasheet HTML 13Page - Analog Devices AD7457BRT-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD7457
Rev. A | Page 9 of 20
VREF (V)
4.0
3.5
2.5
3.0
1.5
1.0
2.0
0.5
0
–0.5
–1.0
01.0
0.5
1.5
3.0
2.5
2.0
3.5
POSITIVE DNL
NEGATIVE DNL
Figure 11. Changes in DNL vs. VREF for VDD = 5 V
VREF (V)
5
4
3
1
2
0
–1
–2
01.0
0.5
1.5
3.0
2.5
2.0
3.5
POSITIVE INL
NEGATIVE INL
Figure 12. Change in INL vs. VREF for VDD = 5 V
VREF (V)
12
11
10
8
9
7
6
01.0
0.5
1.5
3.0
2.5
2.0
3.5
VDD = 3V
VDD = 5V
Figure 13. ENOB vs. VREF for VDD = 3 V and 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com