Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1470 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1470
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1470 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1470 Datasheet HTML 8Page - Monolithic Power Systems MP1470 Datasheet HTML 9Page - Monolithic Power Systems MP1470 Datasheet HTML 10Page - Monolithic Power Systems MP1470 Datasheet HTML 11Page - Monolithic Power Systems MP1470 Datasheet HTML 12Page - Monolithic Power Systems MP1470 Datasheet HTML 13Page - Monolithic Power Systems MP1470 Datasheet HTML 14Page - Monolithic Power Systems MP1470 Datasheet HTML 15Page - Monolithic Power Systems MP1470 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP1470 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1470 Rev. 1.02
www.MonolithicPower.com
13
8/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
12V
VOUT
3.3V
IO
2A
The detailed application schematics are shown
in
Figures
9
through
13.
The
typical
performance and circuit waveforms have been
shown
in
the
Typical
Performance
Characteristics
section.
For
more
device
applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com