Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1494 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1494
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1494 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1494 Datasheet HTML 7Page - Monolithic Power Systems MP1494 Datasheet HTML 8Page - Monolithic Power Systems MP1494 Datasheet HTML 9Page - Monolithic Power Systems MP1494 Datasheet HTML 10Page - Monolithic Power Systems MP1494 Datasheet HTML 11Page - Monolithic Power Systems MP1494 Datasheet HTML 12Page - Monolithic Power Systems MP1494 Datasheet HTML 13Page - Monolithic Power Systems MP1494 Datasheet HTML 14Page - Monolithic Power Systems MP1494 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP1494 – SYNCHRONOUS STEP-DOWN CONVERTER
MP1494 Rev. 1.04
www.MonolithicPower.com
13
12/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
External Bootstrap Diode
An external bootstrap diode can enhance the
efficiency of the regulator given the following
conditions:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, add an external BST diode from
the VCC pin to BST pin, as shown in Figure 7.
SW
BST
MP1494
C
L
BST
COUT
External BST Diode
VCC
IN4148
Figure 7: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST capacitor value is 0.1µF
to 1μF.
PC Board Layout (8)
PCB layout is very important to achieve stable
operation especially for VCC capacitor and
input capacitor placement. For best results,
follow these guidelines:
1) Use large ground plane directly connect to
GND pin. Add vias near the GND pin if bottom
layer is ground plane.
2) Place the VCC capacitor to VCC pin and
GND pin as close as possible. Make the trace
length of VCC pin-VCC capacitor anode-VCC
capacitor cathode-chip GND pin as short as
possible.
3) Place the ceramic input capacitor close to IN
and GND pins. Keep the connection of input
capacitor and IN pin as short and wide as
possible.
4) Route SW, BST away from sensitive analog
areas such as FB. It’s not recommended to
route SW, BST trace under chip’s bottom side.
5) Place the T-type feedback resistor R9 close
to chip to ensure the trace which connects to
FB pin as short as possible
Notes:
8) The recommended layout is based on the Figure 8 Typical
Application circuit on the next page.
L1
C2
C2A
C1
C1A
R5
R6
R7
R3
C3
C4
C6
Vin
GND
Vout
SW
GND
GND
SW
GND
EN/SYNC
BST
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com