Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1583DP Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1583DP
Description  3A, 23V, 385KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1583DP Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1583DP Datasheet HTML 2Page - Monolithic Power Systems MP1583DP Datasheet HTML 3Page - Monolithic Power Systems MP1583DP Datasheet HTML 4Page - Monolithic Power Systems MP1583DP Datasheet HTML 5Page - Monolithic Power Systems MP1583DP Datasheet HTML 6Page - Monolithic Power Systems MP1583DP Datasheet HTML 7Page - Monolithic Power Systems MP1583DP Datasheet HTML 8Page - Monolithic Power Systems MP1583DP Datasheet HTML 9Page - Monolithic Power Systems MP1583DP Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP1583 – 3A, 23V, 385KHz STEP-DOWN CONVERTER
MP1583 Rev. 3.1
www.MonolithicPower.com
6
6/20/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to the
FB pin. The voltage divider divides the output
voltage down to the feedback voltage by the
ratio:
2
1
2
R
R
R
V
V
OUT
FB
+
=
Where VFB is the feedback voltage and VOUT is
the output voltage.
Thus the output voltage is:
2
2
1
22
.
1
R
R
R
V
V
OUT
+
×
=
A typical value for R2 can be as high as 100kΩ,
but a typical value is 10kΩ. Using that value, R1
is determined by:
)
)(
22
.
1
(
18
.
8
1
Ω
−
×
=
k
V
V
R
OUT
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 17kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current and
lower output ripple voltage. However, larger
value inductors have a larger physical size,
higher
series
resistance,
and/or
lower
saturation current. A good rule for determining
the inductance to use is to allow the inductor
peak-to-peak ripple current to be approximately
30% of the maximum switch current limit. Also,
make sure that the peak inductor current is
below the maximum switch current limit. The
inductance value can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
IN
OUT
L
S
OUT
V
V
1
ΔI
f
V
L
Where VIN is the input voltage, fS is the 385KHz
switching frequency and ΔIL is the peak-to-peak
inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current.
The peak inductor current can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 1 lists a number of suitable inductors
from various manufacturers. The choice of
which inductor to use mainly depends on the
price vs. size requirements and any EMI
requirements.
Table 1—Inductor Selection Guide
Package
Dimensions
(mm)
Vendor/
Model
Core
Type
Core
Material
WL
H
Sumida
CR75
Open
Ferrite
7.0
7.8
5.5
CDH74
Open
Ferrite
7.3
8.0
5.2
CDRH5D28 Shielded
Ferrite
5.5
5.7
5.5
CDRH5D28 Shielded
Ferrite
5.5
5.7
5.5
CDRH6D28 Shielded
Ferrite
6.7
6.7
3.0
CDRH104R Shielded
Ferrite
10.1 10.0 3.0
Toko
D53LC
Type A
Shielded
Ferrite
5.0
5.0
3.0
D75C
Shielded
Ferrite
7.6
7.6
5.1
D104C
Shielded
Ferrite
10.0 10.0 4.3
D10FL
Open
Ferrite
9.7
1.5
4.0
Coilcraft
DO3308
Open
Ferrite
9.4 13.0 3.0
DO3316
Open
Ferrite
9.4 13.0 5.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com