Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1584EN Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1584EN
Description  3A, 1.5MHz, 28V Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1584EN Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1584EN Datasheet HTML 9Page - Monolithic Power Systems MP1584EN Datasheet HTML 10Page - Monolithic Power Systems MP1584EN Datasheet HTML 11Page - Monolithic Power Systems MP1584EN Datasheet HTML 12Page - Monolithic Power Systems MP1584EN Datasheet HTML 13Page - Monolithic Power Systems MP1584EN Datasheet HTML 14Page - Monolithic Power Systems MP1584EN Datasheet HTML 15Page - Monolithic Power Systems MP1584EN Datasheet HTML 16Page - Monolithic Power Systems MP1584EN Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP1584 – 3A, 1.5MHz, 28V STEP-DOWN CONVERTER
MP1584 Rev. 1.0
www.MonolithicPower.com
13
8/8/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
In this case (as shown in Figure 2), a third pole
set by the compensation capacitor (C6) and the
compensation
resistor
(R3)
is
used
to
compensate the effect of the ESR zero on the
loop gain. This pole is located at:
3
R
6
C
2
1
f 3
P
The goal of compensation design is to shape
the converter transfer function to get a desired
loop gain. The system crossover frequency
where the feedback loop has the unity gain is
important. Lower crossover frequencies result
in slower line and load transient responses,
while higher crossover frequencies could cause
system unstable. A good rule of thumb is to set
the crossover frequency to approximately one-
tenth of the switching frequency. The Table 3
lists the typical values of compensation
components for some standard output voltages
with various output capacitors and inductors.
The values of the compensation components
have
been
optimized
for
fast
transient
responses and good stability at given conditions.
Table 3—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
(V)
L (µH)
C2
(µF)
R3
(kΩ)
C3
(pF)
C6
1.8
4.7
47
105
100
None
2.5
4.7 - 6.8
22
54.9
220
None
3.3
6.8 -10
22
68.1
220
None
5
15 - 22
22
100
150
None
12
22 - 33
22
147
150
None
To optimize the compensation components for
conditions not listed in Table 3, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
Where fC is the desired crossover frequency.
2. Choose the compensation capacitor (C3) to
achieve
the
desired phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of
the crossover frequency provides sufficient
phase margin. Determine the C3 value by the
following equation:
C
f
3
R
2
4
3
C
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the switching frequency, or the
following relationship is valid:
2
f
R
2
C
2
1
S
ESR
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero. Determine the
C6 value by the equation:
3
R
R
2
C
6
C
ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com