Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1586 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1586
Description  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1586 Datasheet HTML 1Page - Monolithic Power Systems MP1586 Datasheet HTML 2Page - Monolithic Power Systems MP1586 Datasheet HTML 3Page - Monolithic Power Systems MP1586 Datasheet HTML 4Page - Monolithic Power Systems MP1586 Datasheet HTML 5Page - Monolithic Power Systems MP1586 Datasheet HTML 6Page - Monolithic Power Systems MP1586 Datasheet HTML 7Page - Monolithic Power Systems MP1586 Datasheet HTML 8Page - Monolithic Power Systems MP1586 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP1586 – 3A, 28V, 50kHz TO 400kHz STEP-DOWN CONVERTER
MP1586 Rev. 0.91
www.MonolithicPower.com
2
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP1586EN
SOIC8E
MP1586EN
–20
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP1586EN–Z);
For RoHS Compliant Packaging, add suffix –LF. (e.g. MP1586EN–LF–Z)
PACKAGE REFERENCE
SW
EN
COMP
FB
BST
VIN
FREQ
GND
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (VIN).....................–0.3V to +30V
Switch Voltage (VSW).............–0.3V to 30 + 0.3V
BST to SW .....................................–0.3V to +6V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
............................................................. 2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65°C to +150
°C
Recommended Operating Conditions
(3)
Supply Voltage VIN........................... 4.5V to 28V
Output Voltage VOUT ........................ 0.8V to 25V
Operating Junct. Temp. (TJ) ....–20°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E .................................. 50 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com