Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1586EN Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1586EN
Description  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586EN Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1586EN Datasheet HTML 8Page - Monolithic Power Systems MP1586EN Datasheet HTML 9Page - Monolithic Power Systems MP1586EN Datasheet HTML 10Page - Monolithic Power Systems MP1586EN Datasheet HTML 11Page - Monolithic Power Systems MP1586EN Datasheet HTML 12Page - Monolithic Power Systems MP1586EN Datasheet HTML 13Page - Monolithic Power Systems MP1586EN Datasheet HTML 14Page - Monolithic Power Systems MP1586EN Datasheet HTML 15Page - Monolithic Power Systems MP1586EN Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP1586 – 3A, 28V, 50kHz TO 400kHz STEP-DOWN CONVERTER
MP1586 Rev. 0.91
www.MonolithicPower.com
13
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
the crossover frequency to approximately one-
tenth of the switching frequency.
The Table 3 lists the typical values of
compensation components for some standard
output voltages with various output capacitors
and inductors. The values of the compensation
components have been optimized for fast
transient responses and good stability at given
conditions.
Table 3—Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
(V)
L
(µH)
C2
(µF)
R3
(kΩ)
C3
(pF)
C6
1.8
10
2×22
24
820
None
2.5
15
2×22
36
680
None
3.3
15
2×22
47
680
None
5
22
2×22
47
820
None
12
33
2×22
100
820
None
To optimize the compensation components, the
following procedure can be used.
1. Choose the compensation resistor (R3) to set
the desired crossover frequency. Determine the
R3 value by the following equation:
FB
OUT
CS
EA
C
V
V
G
G
f
2
C
2
3
R
×
×
×
×
π
=
Where fC is the desired crossover frequency.
2. Choose the compensation capacitor (C3) to
achieve
the
desired phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of
the crossover frequency provides sufficient
phase margin. Determine the C3 value by the
following equation:
C
f
3
R
2
4
3
C
×
×
π
>
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the switching frequency, or the
following relationship is valid:
2
f
R
2
C
2
1
S
ESR
<
×
×
π
If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3
at the location of the ESR zero. Determine the
C6 value by the equation:
3
R
R
2
C
6
C
ESR
×
=
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the input voltage is no
greater than 5V or the 5V rail is available in the
system. This helps improve the efficiency of the
regulator. The bootstrap diode can be a low
cost one such as IN4148 or BAT54.
MP1586
SW
BS
5V
Figure 2—External Bootstrap Diode
This diode is also recommended for high duty
cycle operation (when VOUT /VIN >65%) or low
VIN (<5Vin) applications.
At no load or light load, the converter may
operate in pulse skipping mode in order to
maintain the output voltage in regulation. Thus
there is less time to refresh the BS voltage. In
order to have enough gate voltage under such
operating conditions, the difference of VIN –VOUT
should be greater than 3V. For example, if the
VOUT is set to 3.3V, the VIN needs to be higher
than 3.3V+3V=6.3V to maintain enough BS
voltage at no load or light load. To meet this
requirement, EN pin can be used to program
the input UVLO voltage to Vout+3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com