Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1740EC Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1740EC
Description  3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1740EC Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1740EC Datasheet HTML 3Page - Monolithic Power Systems MP1740EC Datasheet HTML 4Page - Monolithic Power Systems MP1740EC Datasheet HTML 5Page - Monolithic Power Systems MP1740EC Datasheet HTML 6Page - Monolithic Power Systems MP1740EC Datasheet HTML 7Page - Monolithic Power Systems MP1740EC Datasheet HTML 8Page - Monolithic Power Systems MP1740EC Datasheet HTML 9Page - Monolithic Power Systems MP1740EC Datasheet HTML 10Page - Monolithic Power Systems MP1740EC Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP1740 –3W HIGH EFFCIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1740 Rev. 1.0
www.MonolithicPower.com
8
1/5/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved
FUNCTION BLOCK DIAGRAM
R3
PVCC
R3
R2
R2
C
C
R1
R1
Ri
Ri
Audio Input +
+
Audio Input -
-
Gain=(R1/ Ri)*(R3/R2)
Internal
external
speaker
OCP&
De- POP
PVCC
PVCC
AVCC
PGND
AGND
INN
INP
VON
VOP
PGND
PGND
UVLO
Reference
Thermal Protection
Triangular
Generator
EN
EN
Gate
Drive
Gate
Drive
Comparator
Comparator
Start- up&
Other logic
FDA
FDA
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com