Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1906 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1906
Description  80V, Half-Bridge, Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1906 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1906 Datasheet HTML 1Page - Monolithic Power Systems MP1906 Datasheet HTML 2Page - Monolithic Power Systems MP1906 Datasheet HTML 3Page - Monolithic Power Systems MP1906 Datasheet HTML 4Page - Monolithic Power Systems MP1906 Datasheet HTML 5Page - Monolithic Power Systems MP1906 Datasheet HTML 6Page - Monolithic Power Systems MP1906 Datasheet HTML 7Page - Monolithic Power Systems MP1906 Datasheet HTML 8Page - Monolithic Power Systems MP1906 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP1906—80V, HALF-BRIDGE, GATE DRIVER
MP1906 Rev. 1.0
www.MonolithicPower.com
2
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP1906DS
SOIC8
MP1906
*For Tape & Reel, add suffix –Z (e.g. MP1906DS–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP1906DS–LF–Z)
PACKAGE REFERENCE
VCC
HPWM
LPWM
GND
BT
TG
SW
BG
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
(1)
Input Voltage VCC ..........................-0.3V to +18V
Voltage on SW VSW.............................................
-0.3V (-5V < 10ns) to +100V
Voltage on BT VBT.............................. VSW +18V
Logic Inputs ........................................................
-0.3 to (VCC+6.5V), or 18.5V for VCC ≥ 12V
Continuous Power Dissipation (TA = 25°C)
(2)
………………………………………………...1.4W
Junction Temperature.............. -40°C to +150°C
Lead Temperature (Solder 10sec)............260°C
Storage Temperature............... -55°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VCC ..............................10V to 16V
Maximum Voltage on SW VSW ..................... 80V
Logic Inputs .........................................0V to VCC
Voltage slew rate on SW...................... < 50V/ns
PWM frequency .................................. < 300kHz
Operating Junction Temp. (TJ) . -40°C to 125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8..................................... 90 ...... 45... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com