Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1907 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1907
Description  100V, 2.5A, High Frequency Half-bridge Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1907 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1907 Datasheet HTML 7Page - Monolithic Power Systems MP1907 Datasheet HTML 8Page - Monolithic Power Systems MP1907 Datasheet HTML 9Page - Monolithic Power Systems MP1907 Datasheet HTML 10Page - Monolithic Power Systems MP1907 Datasheet HTML 11Page - Monolithic Power Systems MP1907 Datasheet HTML 12Page - Monolithic Power Systems MP1907 Datasheet HTML 13Page - Monolithic Power Systems MP1907 Datasheet HTML 14Page - Monolithic Power Systems MP1907 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP1907―100V, 2.5A, HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP1907 Rev. 1.1
www.MonolithicPower.com
13
11/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Reference Design Circuits
Half Bridge Motor Driver
T
In
half-bridge
converter
topology,
the
MOSFETs are driven alternately with some dead
time. Therefore, INH and INL are driven with
alternating signals from the PWM controller. The
input voltage can be up to 100V in this
application.
EN
INH
INL
VSS
DRVL
SW
DRVH
BST
NC
VDD
DRVL
DRVL
1
2
3
4
5
10
9
8
7
6
EN
INH
INL
Up to 100 V
M
VDD
4.5V to 18V
10µF
+
MP1907
Figure 3—Half-Bridge Motor Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com