Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9753ASTRL Datasheet(PDF) 19 Page - Analog Devices

Part # AD9753ASTRL
Description  12-Bit, 300 MSPS High Speed TxDAC D/A Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9753ASTRL Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9753ASTRL Datasheet HTML 15Page - Analog Devices AD9753ASTRL Datasheet HTML 16Page - Analog Devices AD9753ASTRL Datasheet HTML 17Page - Analog Devices AD9753ASTRL Datasheet HTML 18Page - Analog Devices AD9753ASTRL Datasheet HTML 19Page - Analog Devices AD9753ASTRL Datasheet HTML 20Page - Analog Devices AD9753ASTRL Datasheet HTML 21Page - Analog Devices AD9753ASTRL Datasheet HTML 22Page - Analog Devices AD9753ASTRL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
REV. B
AD9753
–19–
–30
START 100kHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
12.49MHz/
STOP 125MHz
1RM
–74.34dBm
+9.71442886MHz
–76.86dBm
–80.96dBm
–11.92dBm
1 [T1]
CH PWR
ACP UP
ACP LOW
C11
C0
Cu1
C11
C0
Cu1
MARKER 1 [T1]
RBW
5kHz
RF ATT
0dB
–74.34dBm
VBW
50kHz
9.71442886MHz
SWT
12.5 s
UNIT
dBm
COMMENT A: 25 MSYMBOL, 64 QAM, CARRIER = 25MHz
1
Figure 28. Reconstructed 64-QAM Signal at a 25 MHz IF
A figure of merit for wideband signal synthesis is the ratio of
signal power in the transmitted band to the power in an adja-
cent channel. In Figure 28, the adjacent channel power ratio
(ACPR) at the output of the AD9753 is measured to be 65 dB.
The limitation on making a measurement of this type is often
not the DAC but the noise inherent in creating the digital data
record using computer tools. To find how much this is limiting
the perceived DAC performance, the signal amplitude can be
reduced, as is shown in Figure 29. The noise contributed by the
DAC will remain constant as the signal amplitude is reduced.
When the signal amplitude is reduced to the level where the
noise floor drops below that of the spectrum analyzer, the
ACPR will fall off at the same rate that the signal level is being
reduced. Under the conditions measured in Figure 28, this
point occurs in Figure 29 at –10 dBFS. This shows that the
data record is actually degrading the measured ACPR by up to
10 dB.
A single-channel active mixer such as the Analog Devices AD8343
can then be used for the hop to the transmit frequency. Figure 30
shows an applications circuit using the AD9753 and the AD8343.
The AD8343 is capable of mixing carriers from dc to 2.5 GHz.
Figure 31 shows the result of mixing the signal in Figure 28 up
to a carrier frequency of 800 MHz. ACPR measured at the
output of the AD8343 is shown in Figure 31 to be 59 dB.
AMPLITUDE (dBFS)
80
60
40
0
–10
–20
70
50
–15
–5
Figure 29. ACPR vs. Amplitude for QAM Carrier
DAC
INPUT
LATCHES
INPUT
LATCHES
PLL/DIVIDER
CLK+ CLK– PLLLOCK
DVDD AVDD
IOUTA
IOUTB
PORT 1
DATA
INPUT
PORT 2
DATA
INPUT
RSET2
1.9k
FSADJ
0.1 F
REFIO ACOM1 ACOM
DCOM
AD9753
50
50
0.1 F
0.1 F
68
68
INPM
INPP
LOIM
LOIP
OUTP
OUTM
AD8343 ACTIVE MIXER
0.1 F
0.1 F
LOINPUT
M/A-COM ETC-1-1-13 WIDEBAND BALUN
Figure 30. QAM Transmitter Architecture Using AD9753 and AD8343 Active Mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com