Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2016DD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2016DD
Description  42V, 30mA, Low Power Adjustable Output Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016DD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2016DD Datasheet HTML 1Page - Monolithic Power Systems MP2016DD Datasheet HTML 2Page - Monolithic Power Systems MP2016DD Datasheet HTML 3Page - Monolithic Power Systems MP2016DD Datasheet HTML 4Page - Monolithic Power Systems MP2016DD Datasheet HTML 5Page - Monolithic Power Systems MP2016DD Datasheet HTML 6Page - Monolithic Power Systems MP2016DD Datasheet HTML 7Page - Monolithic Power Systems MP2016DD Datasheet HTML 8Page - Monolithic Power Systems MP2016DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2016 – 42V, 30mA, LOW POWER, LINEAR REGULATOR
MP2016 Rev.1.0
www.MonolithicPower.com
3
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 15V, ILOAD = 5µA, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Voltage
VIN
4
42
V
TA = +25°C
12
Input Supply Current
IIN
TA = –40°C to +85°C
30
µA
Minimum Load Current
0
µA
Shutdown Mode, TA = +25°C
8
Shutdown Supply Current
IS
Shutdown Mode, TA = –40°C to
+85
°C
10
µA
FB = OUT, ILOAD = 1mA
1.205
1.23
1.254
FB Threshold
VFB
FB = OUT, ILOAD = 5µA to 30mA,
TA = –40°C to +85°C
1.181
1.23
1.279
V
FB Input Current
IFB
VFB = 1.3V
–30
+4
+30
nA
Dropout Voltage
(6)
VDROPOUT ILOAD = 30mA
700
900
mV
PSRR
DC, IOUT=10mA
65
dB
Current Limit
VIN = 6V
50
mA
Ground current
IOUT=35mA
35
μA
Capacitive
Load
Requirements
0.23
µF/mA
Startup Response Time
RL = 500Ω, C2 = 6.8µF, VOUT = 5V
1
ms
Startup Overshoot
VOSH
RL = 500Ω, C2 = 10µF within 90% of
the nominal output voltage
0.58
% VOUT
VIL
0.22
SHDN
Input
Threshold
Voltage
VIH
1.8
V
SHDN
Input Current
SHDN
= 0V or 15V
0.6
1.5
μA
Line Regulation
0.023
%/V
Load Regulation
0.003
%/mA
Thermal Shutdown
SHDN
= 0V or 15V,
Hysteresis = +20
°C
150
°C
Note:
5) 100% production tested at TA=25
°C Specifications over the temperature range are guaranteed by design and characterization.
6) Dropout Voltage is defined as the in put to output differential when the output voltage drops 1% below its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com