Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V511 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # V511
Description  One-Piece Surface Steel Raceway
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V511 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  V511 Datasheet HTML 1Page - List of Unclassifed Manufacturers V511 Datasheet HTML 2Page - List of Unclassifed Manufacturers V511 Datasheet HTML 3Page - List of Unclassifed Manufacturers V511 Datasheet HTML 4Page - List of Unclassifed Manufacturers V511 Datasheet HTML 5Page - List of Unclassifed Manufacturers V511 Datasheet HTML 6Page - List of Unclassifed Manufacturers V511 Datasheet HTML 7Page - List of Unclassifed Manufacturers V511 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Catalog No./Item
Description/Specifications
V5748 m†
Device Box – For deep
5748 WH m†
switches, receptacles and
communication devices.
Base has two 1/2"
trade size KOs.
V5748S m
Shallow Switch and
5748 SWH m
Receptacle Box – For
duplex receptacles (shallow
type). Base has 1/2"
trade size KOs.
V5751
Flush-Type Extension
5751 WH
Adapter – For extensions
from existing flush wall
boxes. Larger gangs
available, consult factory.
V5751A
Deep Flush-Type
5751AWH
Extension Adapter –
For deep extensions from
existing flush wall boxes.
Catalog No./Item
Description/Specifications
V5744 m†
Extra Deep Device Box –
5744WH m†
Designed for deep devices –
momentary contact, and
remote control switches,
hospital signaling system
devices, and deep
communication devices.
Base has 1/2" trade size KOs.
V5744S m†
Deep Switch and
5744 SWH m†
Receptacle Box – For
installing signal system
alarm wiring and
communication devices.
Base has 1/2" trade size
and rectangular
single-gang KOs.
V5745 m†Combination Device Box –
5745 WH m†
For connecting surface
runs of 1/2" [12.7mm]
conduit, etc. Cover has two
raceway twistouts on one
end and three on opposite
end; also two 1/2" trade size
KOs and a raceway twistout on
each side. Base has two
1/2" trade size KOs.
V5747m†
Shallow Device Box –
5747 WH m†
For standard shallow
switches, receptacles,
communication devices,
and single-gang
combination devices.
Base has two 1/2"
trade size KOs.
V500, V700, & 700WH Device Boxes (continued)
CAT NO.
L
W
GANG #
V5744, WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5744-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5744-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
L
W
2 1/4"
[57mm]
L
W
2 3/4"
[70mm]
NOTES: Covers on this page have double twistouts. Break out lower twistout for use with V500, and both twistouts for use with V700.
* V5744-2 and V5744S-2 Base and V5747-2 and V5748-2 Base have 1/2" and 1" concentric trade size KOs and a 1 13/16" x 2
7/8" [47mm x 73mm] rectangular KO to permit mounting on a one-gang in-wall outlet box.
m Replace V with VC or WH with WHC to denote Canadian version — Agency approved for sale in Canada.c
†
Larger gangs available, consult factory.
L
W
1 3/4"
[44mm]
2 7/8"
[73mm]
4 5/8"
[118mm]
L
1 3/4"
[44mm]
1 3/8"
[35mm]
W
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
4 5/8"
[118mm]
2 7/8"
[73mm]
15/16"
[23.8mm]
15/16"
[23.8mm]
L
W
1 3/4"
[44mm]
4 5/8"
[118mm]
2 7/8"
[73mm]
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
CAT NO.
L
W
GANG #
V5744, WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5744-2, WHm
4 3/4" [121mm] 4 3/4" [121mm]
2*
V5744-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
CAT NO.
L
W
GANG #
V5747, WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5747-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5747-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
CAT NO.
LW
GANG#
V5748, WH m
4 5/8" [118mm] 2 7/8" [73mm]
1
V5748-2, WHm 4 3/4" [121mm] 4 3/4" [121mm]
2*
V5748-3 m
4 5/8" [118mm] 6 1/2" [165mm]
3
V5748-4m
4 5/8" [118mm] 8 11/32" [212mm]
1
V5748-5m
4 3/4" [121mm] 10 5/32" [212mm]
2*
V5748-6m
4 5/8" [118mm] 11 31/32" [165mm]
3
CAT NO.
L
W
GANG #
V5751, WH
4 5/8" [118mm] 2 7/8" [73mm]
1
V5751-2, WH
4 3/4" [121mm] 4 3/4" [121mm]
2*
V5751-3
4 5/8" [118mm] 6 1/2" [165mm]
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com