Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V511 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # V511
Description  One-Piece Surface Steel Raceway
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V511 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  V511 Datasheet HTML 1Page - List of Unclassifed Manufacturers V511 Datasheet HTML 2Page - List of Unclassifed Manufacturers V511 Datasheet HTML 3Page - List of Unclassifed Manufacturers V511 Datasheet HTML 4Page - List of Unclassifed Manufacturers V511 Datasheet HTML 5Page - List of Unclassifed Manufacturers V511 Datasheet HTML 6Page - List of Unclassifed Manufacturers V511 Datasheet HTML 7Page - List of Unclassifed Manufacturers V511 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Now you have a wide range of options for providing datacom connectivity into Wiremold® Cable Management Systems. They are:
• Ortronics® TracJack® and Series II Modular Connectivity Solutions
• Pass & Seymour Activate™ Modular Inserts
• Open System Communication Modules
Use these icons to determine connectivity options for each Wiremold System component:
Ortronics® Connectivity
TracJack® Individual Jack System
• Front-loading, snap-in design supports future moves adds and changes
• Inserts for voice, data, audio, and video
• Available Category 3, 5e, 6, USOC 6-position, and other media
• Flat or angled 45° exit configurations
• Choice of 13 colors and color matched to Wiremold Systems
• Universal T568A/B wiring format
Series II Front-Loading, Module System
• Module design features easy snap-in front-loading design
• Linear 110 punch down format for easy termination
• Inserts for voice, data, audio, and video
• Available Category 3, 5e, 6, USOC 6-position, and other media
• Available in flat or angled 45° exit configurations
• Color matched to Wiremold Systems
For detailed product selection refer to the Ortronics Catalog or visit www.ortronics.com.
Pass & Seymour Legrand Network Wiring
Activate™ Series Front-Loading Inserts
• Modular inserts for voice, data, audio and video applications
• Front-load, snap-in design
• Color and texture matched to Wiremold Systems
• Available Category 3, 5e, 6, as well as 6-position USOC
• Universal T568A/B wiring format
For detailed product selection refer to the Pass & Seymour Network Wiring Catalog or visit www.passandseymour.com.
Open Connectivity Solutions
Wiremold Open System Communications Modules
• Accommodate a wide range of manufacturers’ communications outlets including
keystone jacks, as well as proprietary solutions from Avaya (Lucent) and NORDX
• Modules insert into a wide range of Wiremold Systems
• Pre-punched faceplates accept common communication devices
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
ORT
P&S
OPEN
Datacom Connectivity Options
NOTE: For more information on integrating connectivity into Wiremold Cable Management Systems
contact the Wiremold Applications Engineering Team or your local Wiremold Sales Representative.
Wiremold / Legrand
U.S. and International:
60 Woodlawn Street • West Hartford, CT 06110
1-800-621-0049 • FAX 860-232-2062 • Outside U.S. 860-233-6251
Canada:
570 Applewood Crescent • Vaughan, Ontario L4K 4B4
1-800-723-5175 • FAX 905-738-9721
ED532R13 – Updated April 2005 – For latest specs visit www.wiremold.com
© Copyright 2005 The Wiremold Company All Rights Reserved



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com