Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVALAD5933EB Datasheet(PDF) 28 Page - Analog Devices

Part # EVALAD5933EB
Description  Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVALAD5933EB Datasheet(HTML) 28 Page - Analog Devices

Back Button EVALAD5933EB Datasheet HTML 24Page - Analog Devices EVALAD5933EB Datasheet HTML 25Page - Analog Devices EVALAD5933EB Datasheet HTML 26Page - Analog Devices EVALAD5933EB Datasheet HTML 27Page - Analog Devices EVALAD5933EB Datasheet HTML 28Page - Analog Devices EVALAD5933EB Datasheet HTML 29Page - Analog Devices EVALAD5933EB Datasheet HTML 30Page - Analog Devices EVALAD5933EB Datasheet HTML 31Page - Analog Devices EVALAD5933EB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
EVAL-AD5933EB
Preliminary Technical Data
Rev. PrC | Page 28 of 32
In addition, care must be taken with the arctangent formula
when using the real and imaginary values to interpret the phase
at each measurement point. The arctangent function returns the
correct standard phase angle only if the sign of the real and
imaginary values are positive, that is, if the coordinates lie in the
first quadrant.
Table 8. Phase Angle
Real
Imaginary
Quadrant
Phase Angle (Degrees)
Positive
Positive
First
π
×
−
180
)
/
(
tan
1
R
I
Positive
Negative
Second
⎟
⎠
⎞
⎜
⎝
⎛
π
×
+
−
180
)
/
(
tan
180
1
R
I
Negative
Negative
Third
⎟
⎠
⎞
⎜
⎝
⎛
π
×
+
−
180
)
/
(
tan
180
1
R
I
Positive
Negative
Fourth
⎟
⎠
⎞
⎜
⎝
⎛
π
×
+
−
180
)
/
(
tan
360
1
R
I
The standard angle is the angle taken counterclockwise from
the positive real x-axis. If the sign of the real component is
positive and the sign of the imaginary component is negative,
that is, the data lies in the second quadrant, then the arctangent
formula returns a negative angle, and it is necessary to add 180°
to calculate the correct standard angle.
After the magnitude of the impedance (|Z|) and the impedance
phase angle (ZØ, in radians) are correctly calculated, it is
possible to determine the magnitude of the real (resistive) and
imaginary (reactive) components of the impedance (ZUNKNOWN).
This is accomplished by the vector projection of the impedance
magnitude onto the real and imaginary impedance axes using
the following formulas:
Likewise, when the real and imaginary components are both
negative, that is, when the coordinates lie in the third quadrant,
the arctangent formula returns a positive angle, and it is
necessary to add 180° to the angle in order to determine the
correct standard phase.
Finally, when the real component is positive and the imaginary
component is negative, that is, the data lies in the fourth
quadrant, then the arctangent formula returns a negative angle,
and it is necessary to add 360° to the angle in order to calculate
the correct phase angle.
|ZREAL|= |Z| × cos(ZØ)
|ZIMAG|= |Z| × sin(ZØ)
where ZREAL is the real component, and ZIMAG is the imaginary
component.
Therefore, the correct standard phase angle is dependant on the
sign of the real and imaginary components (see Table 8 for a
summary).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com