Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4949ED Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4949ED
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949ED Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4949ED Datasheet HTML 5Page - STMicroelectronics L4949ED Datasheet HTML 6Page - STMicroelectronics L4949ED Datasheet HTML 7Page - STMicroelectronics L4949ED Datasheet HTML 8Page - STMicroelectronics L4949ED Datasheet HTML 9Page - STMicroelectronics L4949ED Datasheet HTML 10Page - STMicroelectronics L4949ED Datasheet HTML 11Page - STMicroelectronics L4949ED Datasheet HTML 12Page - STMicroelectronics L4949ED Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
L4949E
Electrical specifications
Doc ID 4275 Rev 6
9/19
Table 7.
Sense
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vst
Sense low threshold
1.16
1.23
1.35
V
Vsth
Sense threshold hysteresis
20
100
200
mV
VSL
Sense output low voltage
VSI ≤ 1.16 V; VS ≥ 3V
RSO = 10 KΩ to VO
0.4
V
ISH
Sense output leakage
VSO = 5 V; VSI ≥ 1.5 V
1
µA
ISI
Sense input current
VSI = 0
-20
-8
-3
µA
Table 8.
Preregulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VZ
Preregulator output voltage
IZ = 10 µA
4.5
5
6
V
IZ
Preregulator output current
10
µA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com