Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AN Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6599AN
Description  Improved high-voltage resonant controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AN Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6599AN Datasheet HTML 25Page - STMicroelectronics L6599AN Datasheet HTML 26Page - STMicroelectronics L6599AN Datasheet HTML 27Page - STMicroelectronics L6599AN Datasheet HTML 28Page - STMicroelectronics L6599AN Datasheet HTML 29Page - STMicroelectronics L6599AN Datasheet HTML 30Page - STMicroelectronics L6599AN Datasheet HTML 31Page - STMicroelectronics L6599AN Datasheet HTML 32Page - STMicroelectronics L6599AN Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
L6599A
Application information
Doc ID 15308 Rev 7
29/35
Equation 13
where Qg is the gate charge of the external Power MOSFET, R(DS)ON is the on-resistance of
the bootstrap DMOS (150 W, typ.) and Tcharge is the ON-time of the bootstrap driver, which
equals about half the switching period minus the deadtime TD. For example, using a
MOSFET with a total gate charge of 30 nC, the drop on the bootstrap driver is about 3 V at a
switching frequency of 200 kHz:
Equation 14
If a significant drop on the bootstrap driver is an issue, an external ultra-fast diode can be
used, therefore saving the drop on the R(DS)ON of the internal DMOS.
F
on
)
DS
(
e
arg
ch
g
F
on
)
DS
(
e
arg
ch
Drop
V
R
T
Q
V
R
I
V
+
=
+
=
V
7
.
2
6
.
0
150
10
27
.
0
10
5
.
2
10
30
V
6
6
9
Drop
=
+
⋅
−
⋅
⋅
=
−
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com