Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9616 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9616
Description  HIGH SPEED CAN BUS TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9616 Datasheet(HTML) 3 Page - STMicroelectronics

  L9616 Datasheet HTML 1Page - STMicroelectronics L9616 Datasheet HTML 2Page - STMicroelectronics L9616 Datasheet HTML 3Page - STMicroelectronics L9616 Datasheet HTML 4Page - STMicroelectronics L9616 Datasheet HTML 5Page - STMicroelectronics L9616 Datasheet HTML 6Page - STMicroelectronics L9616 Datasheet HTML 7Page - STMicroelectronics L9616 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (TOP = -40 to 125°C; VS = 4.5 to 5.5V; Dominat: VTXO = GND; Re-
cessive: VTXO = VS; All voltages, except bus voltage, are defined with respect to pin 2. Positive currents
flow into the IC unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
4.5
5
5.5
V
IS
Supply Current
Dominant
80
mA
Recessive
20
mA
TRANSMITTER SECTION (RA = 60
Ω between C_H and C_L)
CTXO
TXO Input Capacitance
0V < VTXO < VS
25
pF
VTXO
TXO High Level Input Voltage
0.7 VS
VS
TXO Low Level Input Voltage
0
0.3 VS
ITXO
TXO High Level Input Current
VTXO = VS
-2
0
2
µA
TXO Low Level Input Current
VTXO = GND
-275
0
-25
µA
CASC
ASC Input Capacitance
0V < VASC < VS
25
pF
VASC
ASC Input Voltage for High
Speed
0
0.1 VS
ASC Input Voltage for Low Speed
0.9 VS
VS
IASC
ASC Input Current
VASC = VS
25
275
µA
VASC = 0V
-2
0
2
µA
VC_H, VC_L
Bus Voltage Recessive
Recessive
0.4 VS
0.5 Vs
0.6 Vs
IC_H, IC_L
Leakage Current Recessive
VC_L = VC_H = -2 to 7V
-0.7
0.7
mA
VC_L = VC_H = 1 to 4V
-0.3
0.3
mA
RIN(C_H, C_L)
Input Resistence
Recessive
5
50
K
Ω
RDiff(C_H, C_L)
Differential Input Resistence
Recessive
10
100
K
Ω
VDiff =
VC_H - V C_L)
Differential Output Voltage
Dominant, RA
1.5
3
V
VDiff =
VC_H - V C_L)
Differential Output Voltage
Recessive
-500
0
50
mV
td
Short Circuit Detection Time
C_H to C_L ; C_H to B
RCS < 1
Ω
15
10
µs
IA
Supply Current in Case of Short
Circuit, C_H to C_L, C_H to B
(time = td)
150
mA
VC_Lmax
Overvoltage Protection
Threshold on C_L
78
10
V
RECEIVE SECTION
VRXO
RXO High Level Output Voltage
VDiff < 0.5V; IRXO = 0.3mA;
VC_H = -2 to 7V; VC_L = -2 to 7V;
0.9 VS
Vs
V
RXO Low Level Output Voltage
VDiff > 0.9V; IRXO = 1mA;
VC_H = -2 to 7V; VC_L = -2 to 7V;
0.5
V
VS =
VC_H -VC_L
Input Signal Threshold
VC_H = -2 to 7V; VC_L = -2 to 7V;
500
700
900
mV
VCOM = (VC_H
+VC_L)/2
Input Common Mode Voltage
Range
-2
7
V
VHYS
Differential Input Hysteresis
150
mV
REFERENCE OUTPUT
VRX1
Reference Voltage
IRX1 = 0
0.45 VS
0.5 VS
0.55 VS
V
RRX1
Output Resistance
2
9
K
Ω
L9616
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com