Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113DD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2113DD
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113DD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2113DD Datasheet HTML 5Page - Monolithic Power Systems MP2113DD Datasheet HTML 6Page - Monolithic Power Systems MP2113DD Datasheet HTML 7Page - Monolithic Power Systems MP2113DD Datasheet HTML 8Page - Monolithic Power Systems MP2113DD Datasheet HTML 9Page - Monolithic Power Systems MP2113DD Datasheet HTML 10Page - Monolithic Power Systems MP2113DD Datasheet HTML 11Page - Monolithic Power Systems MP2113DD Datasheet HTML 12Page - Monolithic Power Systems MP2113DD Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP2113 – 1.5A, SYNCHRONOUS STEP-DOWN CONVERTER WITH DYNAMIC VOLTAGE CONTROL
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP2113 Rev. 1.0
www.MonolithicPower.com
13
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN8 (2mm x 3mm)
SIDE VIEW
TOP VIEW
BOTTOM VIEW
2.90
3.10
1.90
2.10
0.00
0.05
PIN 1 ID
MARKING
1.70
0.50
0.25
RECOMMENDED LAND PATTERN
2.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) DRAWING CONFORMS TO JEDEC MO-229, VARIATION VCED-2.
5) DRAWING IS NOT TO SCALE.
1.60
0.70
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
1
8
5
4
1.65
1.85
1.50
1.70
0.50
BSC
0.18
0.30
PIN 1 ID
SEE DETAIL A
0.30
0.50
0.80
1.00
0.20 REF
PIN 1 ID OPTION A
0.30x45º TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com