Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2115 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2115
Description  2A Synchronous Step-Down Converter with Programmable Input Current Limit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2115 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2115 Datasheet HTML 1Page - Monolithic Power Systems MP2115 Datasheet HTML 2Page - Monolithic Power Systems MP2115 Datasheet HTML 3Page - Monolithic Power Systems MP2115 Datasheet HTML 4Page - Monolithic Power Systems MP2115 Datasheet HTML 5Page - Monolithic Power Systems MP2115 Datasheet HTML 6Page - Monolithic Power Systems MP2115 Datasheet HTML 7Page - Monolithic Power Systems MP2115 Datasheet HTML 8Page - Monolithic Power Systems MP2115 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2115 – 2A, 6V SYNCHRONOUS STEP-DOWN CONVERTER
MP2115 Rev. 1.0
www.MonolithicPower.com
4
2/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VIN
Supply Input for the power stage.
2
ILIM
Input Current Limit setting pin. A resistor from this pin to ground sets the input current limit.
3
FB
Feedback Input. Connect FB to the center point of the external resistor divider. The feedback
threshold voltage is 0.6V.
4
AGND Analog Ground.
5
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to set the
switching frequency.
6
PGND
Exposed
Pad
The exposed pad and PGND pin must be connected to the same ground plane.
7
SW
Power Switch Output. Inductor connection to drains of the internal PFET and NFET switches.
8
VSYS
Load switch output and switching regulator input. Usually this pin connects to a large tantalum
capacitor as energy reservoir.
9
EN
On/Off Control Input.
10
PG
Power good signal. When FB is less than 80% of 0.6V, PG is low. It is an open-drain output.
Use a high value pull-up resistor externally to pull it up to system power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com