Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2125DL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2125DL
Description  Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2125DL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2125DL Datasheet HTML 1Page - Monolithic Power Systems MP2125DL Datasheet HTML 2Page - Monolithic Power Systems MP2125DL Datasheet HTML 3Page - Monolithic Power Systems MP2125DL Datasheet HTML 4Page - Monolithic Power Systems MP2125DL Datasheet HTML 5Page - Monolithic Power Systems MP2125DL Datasheet HTML 6Page - Monolithic Power Systems MP2125DL Datasheet HTML 7Page - Monolithic Power Systems MP2125DL Datasheet HTML 8Page - Monolithic Power Systems MP2125DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2125 – DUAL 1.5A, 1.2MHZ SYNCHRONOURS STEP-DOWN CONVERTER
MP2125 Rev. 1.0
www.MonolithicPower.com
2
12/24/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2125DL
QFN14 (3mm x 4mm)
2125
–40
°C to +85°C
For Tape & Reel, add suffix –Z (e.g. MP2125DL–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2125DL–LF–Z)
PACKAGE REFERENCE
MP2125
TOP VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
FB1
GND1
SW1
VIN2
N/C
EN2
PVIN2
EN1
FB2
VIN1
PVIN1
N/C
SW2
GND2
ABSOLUTE MAXIMUM RATINGS (1)
PIN, VIN to GND ..........................-0.3V to +6.5V
SW to GND ...........................-0.3V to VIN + 0.3V
EN, FB to GND ............................-0.3V to +6.5V
Operating Temperature.............. -40
°C to +85°C
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.7V to 6V
Operating Junct. Temp (TJ)..... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN14(3mm X 4mm)..............50 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature TA.
The maximum allowable continuous power dissipation at any
ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com