Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2128DT Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2128DT
Description  2.5V-6V Input, 3MHz, 1A Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2128DT Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2128DT Datasheet HTML 1Page - Monolithic Power Systems MP2128DT Datasheet HTML 2Page - Monolithic Power Systems MP2128DT Datasheet HTML 3Page - Monolithic Power Systems MP2128DT Datasheet HTML 4Page - Monolithic Power Systems MP2128DT Datasheet HTML 5Page - Monolithic Power Systems MP2128DT Datasheet HTML 6Page - Monolithic Power Systems MP2128DT Datasheet HTML 7Page - Monolithic Power Systems MP2128DT Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP2128 – 3MHz, 1A SYNCHRONOUS STEP-DOWN CONVERTER
MP2128 Rev. 0.9
www.MonolithicPower.com
2
7/20/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP2128DT
SOT23
2H
–40
°C to +85°C
Part Number**
Package
Top Marking
Temperature
MP2128DG
QFN8(2mmx2mm)
2H
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2128DT–Z). For RoHS Compliant Packaging, add suffix –LF (eg.
MP2128DT–LF–Z)
** For Tape & Reel, add suffix –Z (eg. MP2128DG–Z). For RoHS Compliant Packaging, add suffix –LF (eg.
MP2128DG–LF–Z)
PACKAGE REFERENCE
TOP VIEW
EN
GND
SW
1
2
3
5
4
FB
IN
TOP VIEW
FB
AGND
PGND
IN
EN
NC
SW
SW
18
27
3
4
6
5
SOT23
QFN8
ABSOLUTE MAXIMUM RATINGS
(1)
IN to GND ..................................–0.3V to +6.5V
SW to GND .......................... –0.3V to VIN + 0.3V
FB, EN to GND.............................–0.3V to +6.5V
Continuous Power Dissipation. (TA = +25°C)
(2)
SOT23 ..................................................... 0.57W
QFN8 (2mmx2mm) .................................... 2.5W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature...............–65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.5V to 6V
Output Voltage VOUT...........................0.6V to 6V
Operating Temperature..............–40°C to +85°C
Thermal Resistance
(4)
θJA
θJC
SOT23 ................................... 220 .... 110..
°C/W
QFN8 (2mmx2mm)................. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com