Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2130DG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2130DG
Description  High Efficiency, 3.5A, 6V, 1.2MHz Synchronous Step-Down Converter in an Ultra?밪mall QFN12 (2x2mm) Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2130DG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2130DG Datasheet HTML 1Page - Monolithic Power Systems MP2130DG Datasheet HTML 2Page - Monolithic Power Systems MP2130DG Datasheet HTML 3Page - Monolithic Power Systems MP2130DG Datasheet HTML 4Page - Monolithic Power Systems MP2130DG Datasheet HTML 5Page - Monolithic Power Systems MP2130DG Datasheet HTML 6Page - Monolithic Power Systems MP2130DG Datasheet HTML 7Page - Monolithic Power Systems MP2130DG Datasheet HTML 8Page - Monolithic Power Systems MP2130DG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2130 – HIGH EFFICIENCY, 3.5A, 6V, 1.2MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2130 Rev. 1.23
www.MonolithicPower.com
2
11/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature
MP2130DG
QFN12 (2x2mm)
AB
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2130DG–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP2130DG–LF–Z)
PACKAGE REFERENCE
TOP VIEW
PVIN
SW
PGND
AGND
1
2
3
4
PG
EN
FB
OUT
9
8
7
6
5
10
NC
VIN
SW
PGND
11
12
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ...................................... 6.5V
VSW........................ (-3V for <8ns) to (VIN + 0.3V)
All Other Pins ...............................-0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................. 1.6W
Junction Temperature ...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.7V to 6V
Output Voltage VOUT........................0.6V to 5.5V
Maximum Junction Temp. (TJ) .............. +125°C
Thermal Resistance
(4)
θJA
θJC
QFN12 (2x2mm) .....................80 ...... 16 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com