Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2144 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2144
Description  2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2144 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2144 Datasheet HTML 6Page - Monolithic Power Systems MP2144 Datasheet HTML 7Page - Monolithic Power Systems MP2144 Datasheet HTML 8Page - Monolithic Power Systems MP2144 Datasheet HTML 9Page - Monolithic Power Systems MP2144 Datasheet HTML 10Page - Monolithic Power Systems MP2144 Datasheet HTML 11Page - Monolithic Power Systems MP2144 Datasheet HTML 12Page - Monolithic Power Systems MP2144 Datasheet HTML 13Page - Monolithic Power Systems MP2144 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP2144 – 2A, 5.5V, 1.2MHz. 40μA IQ, SYNCHRONOUS STEP-DOWN SWITCHER
MP2144 Rev. 1.03
www.MonolithicPower.com
13
12/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
MP2144
VIN 2.5-5.5V
R3
100k
R2
200k
R1
200k
R4
499k
U1
SW
VOUT
GND
C2A
NS
1206
IN
EN
PG
GND
AGND
FB
OUT
SW
2
8
1
46
7
5
3
GND
EN
PG
VIN
Figure 4: MP2144 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com