Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4229TRLPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFS4229TRLPBF
Description  Advanced Process Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4229TRLPBF Datasheet(HTML) 3 Page - International Rectifier

  IRFS4229TRLPBF Datasheet HTML 1Page - International Rectifier IRFS4229TRLPBF Datasheet HTML 2Page - International Rectifier IRFS4229TRLPBF Datasheet HTML 3Page - International Rectifier IRFS4229TRLPBF Datasheet HTML 4Page - International Rectifier IRFS4229TRLPBF Datasheet HTML 5Page - International Rectifier IRFS4229TRLPBF Datasheet HTML 6Page - International Rectifier IRFS4229TRLPBF Datasheet HTML 7Page - International Rectifier IRFS4229TRLPBF Datasheet HTML 8Page - International Rectifier IRFS4229TRLPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRFS4229PbF
www.irf.com
3
Fig 6. Typical EPULSE vs. Drain Current
Fig 5. Typical EPULSE vs. Drain-to-Source Voltage
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 25°C
5.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
BOTTOM
5.5V
4.0
5.0
6.0
7.0
8.0
VGS, Gate-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VDS = 25V
≤ 60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
ID = 26A
VGS = 10V
150
160
170
180
190
200
VDS, Drain-to -Source Voltage (V)
0
400
800
1200
1600
L = 220nH
C = 0.3µF
100°C
25°C
100
110
120
130
140
150
160
170
ID, Peak Drain Current (A)
0
200
400
600
800
1000
1200
1400
L = 220nH
C = Variable
100°C
25°C
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60µs PULSE WIDTH
Tj = 175°C
5.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.5V
6.0V
BOTTOM
5.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com