Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4229PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS4229PBF
Description  Advanced Process Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4229PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS4229PBF Datasheet HTML 1Page - International Rectifier IRFS4229PBF Datasheet HTML 2Page - International Rectifier IRFS4229PBF Datasheet HTML 3Page - International Rectifier IRFS4229PBF Datasheet HTML 4Page - International Rectifier IRFS4229PBF Datasheet HTML 5Page - International Rectifier IRFS4229PBF Datasheet HTML 6Page - International Rectifier IRFS4229PBF Datasheet HTML 7Page - International Rectifier IRFS4229PBF Datasheet HTML 8Page - International Rectifier IRFS4229PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFS4229PbF
2
www.irf.com
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
250
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
210
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
42
48
m
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-14
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
200
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
83
–––
–––
S
Qg
Total Gate Charge
–––
72
110
Qgd
Gate-to-Drain Charge
–––
26
–––
td(on)
Turn-On Delay Time
–––
18
–––
tr
Rise Time
–––
31
–––
td(off)
Turn-Off Delay Time
–––
30
–––
tf
Fall Time
–––
21
–––
tst
Shoot Through Blocking Time
100
–––
–––
ns
EPULSE
Energy per Pulse
Ciss
Input Capacitance
–––
4560
–––
Coss
Output Capacitance
–––
390
–––
Crss
Reverse Transfer Capacitance
–––
100
–––
Coss eff.
Effective Output Capacitance
–––
290
–––
LD
Internal Drain Inductance
Between lead,
LS
Internal Source Inductance
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energyd
mJ
EAR
Repetitive Avalanche Energy
™
mJ
VDS(Avalanche)
Repetitive Avalanche VoltageÙ
V
IAS
Avalanche Current
Ãd
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
190
290
ns
Qrr
Reverse Recovery Charge
–––
840
1260
nC
A
–––
–––
–––
–––
–––
–––
–––
–––
4.5
7.5
µA
nA
nC
ns
45
180
–––
790
–––
–––
1390
–––
Typ.
µJ
33
26
–––
–––
300
–––
Max.
ƒ = 1.0MHz,
–––
130
and center of die contact
pF
nH
TJ = 25°C, IF = 26A, VDD = 50V
di/dt = 100A/µs e
TJ = 25°C, IS = 26A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 26A e
VDS = VGS, ID = 250µA
VDS = 250V, VGS = 0V
VGS = 0V, VDS = 0V to 200V
VDS = 250V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 0V
L = 220nH, C= 0.3µF, VGS = 15V
MOSFET symbol
VDS = 25V, ID = 26A
VDD = 125V, ID = 26A, VGS = 10Ve
Conditions
VDD = 200V, VGS = 15V, RG= 4.7Ω
VDS = 200V, RG= 4.7Ω, TJ = 25°C
L = 220nH, C= 0.3µF, VGS = 15V
VDS = 200V, RG= 4.7Ω, TJ = 100°C
VDS = 25V
VDD = 125V, VGS = 10VÃe
ID = 26A
RG = 2.4Ω
See Fig. 22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com