Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL014N Datasheet(PDF) 2 Page - International Rectifier

Part # IRLL014N
Description  Advanced Process Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL014N Datasheet(HTML) 2 Page - International Rectifier

  IRLL014N Datasheet HTML 1Page - International Rectifier IRLL014N Datasheet HTML 2Page - International Rectifier IRLL014N Datasheet HTML 3Page - International Rectifier IRLL014N Datasheet HTML 4Page - International Rectifier IRLL014N Datasheet HTML 5Page - International Rectifier IRLL014N Datasheet HTML 6Page - International Rectifier IRLL014N Datasheet HTML 7Page - International Rectifier IRLL014N Datasheet HTML 8Page - International Rectifier IRLL014N Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLL014N
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.015 –––
V/°C
Reference to 25°C, ID = 1mA
–––
–––
0.14
VGS = 10V, ID = 2.0A
„
–––
–––
0.20
Ω
VGS = 5.0V, ID = 1.2A
„
–––
–––
0.28
VGS = 4.0V, ID = 1.0A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
2.3
–––
–––
S
VDS = 25V, ID = 1.0A
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
9.5
14
ID = 2.0A
Qgs
Gate-to-Source Charge
–––
1.1
1.7
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
3.0
4.4
VGS = 10V, See Fig. 6 and 9
„
td(on)
Turn-On Delay Time
–––
5.1
–––
VDD = 28V
tr
Rise Time
–––
4.9
–––
ns
ID = 2.0A
td(off)
Turn-Off Delay Time
–––
14
–––
RG = 6.0Ω
tf
Fall Time
–––
2.9
–––
RD = 14Ω, See Fig. 10
„
Ciss
Input Capacitance
–––
230
–––
VGS = 0V
Coss
Output Capacitance
–––
66
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
30
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 2.0A, di/dt ≤ 170A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ V
DD = 25V, starting TJ = 25°C, L = 4.0mH
RG = 25Ω, IAS = 4.0A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.0
V
TJ = 25°C, IS = 2.0A, VGS = 0V
„
trr
Reverse Recovery Time
–––
41
61
ns
TJ = 25°C, IF = 2.0A
Qrr
Reverse RecoveryCharge
–––
73
110
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
–––
–––
–––
–––
16
1.3
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com